Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1475CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1475CS8
Description  Low Quiescent Current High Efficiency Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1475CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1475CS8 Datasheet HTML 6Page - Linear Technology LTC1475CS8 Datasheet HTML 7Page - Linear Technology LTC1475CS8 Datasheet HTML 8Page - Linear Technology LTC1475CS8 Datasheet HTML 9Page - Linear Technology LTC1475CS8 Datasheet HTML 10Page - Linear Technology LTC1475CS8 Datasheet HTML 11Page - Linear Technology LTC1475CS8 Datasheet HTML 12Page - Linear Technology LTC1475CS8 Datasheet HTML 13Page - Linear Technology LTC1475CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1474/LTC1475
APPLICATIONS INFORMATION
small that this loss is negligible at loads above a
milliamp but at no load accounts for nearly all of the
loss. The second component, the gate charge current,
results from switching the gate capacitance of the
internal P-channel switch. Each time the gate is switched
from high to low to high again, a packet of charge dQ
moves from VIN to ground. The resulting dQ/dt is the
current out of VIN which is typically much larger than the
DC bias current. In continuous mode, IGATECHG = fQP
where QP is the gate charge of the internal switch. Both
the DC bias and gate charge losses are proportional to
VIN and thus their effects will be more pronounced at
higher supply voltages.
2. I2R losses are predicted from the internal switch,
inductor and current sense resistor. At low supply
voltages where the switch on-resistance is higher and
the switch is on for longer periods due to higher duty
cycle, the switch losses will dominate. Keeping the peak
currents low with the appropriate RSENSE and with
larger inductance helps minimize these switch losses.
At higher supply voltages, these losses are proportional
to load and result in the flat efficiency curves seen in
Figure 1.
3. The catch diode loss is due to the VDID loss as the diode
conducts current during the off-time and is more pro-
nounced at high supply voltage where the on-time is
short. This loss is proportional to the forward drop.
However, as discussed in the Catch Diode section,
diodes with lower forward drops often have higher
leakage current, so although efficiency is improved, the
no load supply current will increase.
Adjustable Applications
For adjustable versions, the output voltage is programmed
with an external divider from VOUT to VFB (Pin 1) as shown
in Figure 4. The regulated voltage is determined by:
VOUT = 1.23 1+
R2
R1


(4)
To minimize no-load supply current, resistor values in the
megohm range should be used. The increase in supply
current due to the feedback resistors can be calculated
from:
∆=
+




I
V
RR
V
V
VIN
OUT
OUT
IN
12
A 10pF feedforward capacitor across R2 is necessary due
to the high impedances to prevent stray pickup and
improve stability.
GND
VFB
LTC1474
LTC1475
1
4
1474/75 F04
R2
R1
10pF
VOUT
LBI
LBO
LTC1474/LTC1475
1474/75 F05
R4
R3
1.23V
REFERENCE
VIN
–
+
Figure 4. LTC1474/LTC1475 Adjustable Configuration
Figure 5. Low Battery Comparator
Low Battery Comparator
The LTC1474/LTC1475 have an on-chip low battery com-
parator that can be used to sense a low battery condition
when implemented as shown in Figure 5. The resistive
divider R3/R4 sets the comparator trip point as follows:
V
R
R
TRIP =+


123 1
4
3
.
The divided down voltage at the LBI pin is compared to the
internal 1.23V reference. When VLBI < 1.23V, the LBO
output sinks current. The low battery comparator is active
all the time, even during shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com