Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1475CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1475CS8
Description  Low Quiescent Current High Efficiency Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1475CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1475CS8 Datasheet HTML 12Page - Linear Technology LTC1475CS8 Datasheet HTML 13Page - Linear Technology LTC1475CS8 Datasheet HTML 14Page - Linear Technology LTC1475CS8 Datasheet HTML 15Page - Linear Technology LTC1475CS8 Datasheet HTML 16Page - Linear Technology LTC1475CS8 Datasheet HTML 17Page - Linear Technology LTC1475CS8 Datasheet HTML 18Page - Linear Technology LTC1475CS8 Datasheet HTML 19Page - Linear Technology LTC1475CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1474/LTC1475
TYPICAL APPLICATIONS
Figure 14. Positive-to-Negative (– 5V) Converter
1474/75 F14
VIN
GND
SENSE
LBI
RUN
VOUT
LBO
SW
LTC1474-5
6
3
8
1
2
5
7
4
10
µF**
25V
0.1
µF
VIN
3.5V TO 12V
L*
100
µH
D1
MBR0530
+
+
33
µF†
10V
VOUT
–5V
140mA AT VIN = 5V
* SUMIDA CDRH74-101
** AVX TPSC106M025
† AVX TPSC336M010
†† RUN: ON/OFF = 0, SHUTDOWN: 0N/OFF = VIN
VIN (V)
I LOAD(MAX)
3.5
100mA
5
140mA
8
190mA
12
240mA
10M
ON/OFF††
TP0610
1474/75 F15
VIN
GND
SENSE
LBI
RUN
VFB
LBO
SW
LTC1474
6
3
8
1
2
5
7
4
100k
4.69M
CHARGER
ON/OFF
4.7
µF**
35V
0.1
µF
VIN
8V TO 18V
1M
10pF
L*
100
µH
D1
MBR0530
MBR0530
+
+
47
µF†
16V
VOUT
4-NiCd
200mA
* SUMIDA CDRH73-101
** AVX TPSC475M035
† AVX TPSD476M016
Figure 15. 4-NiCd Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com