Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1475CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1475CS8
Description  Low Quiescent Current High Efficiency Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1475CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1475CS8 Datasheet HTML 10Page - Linear Technology LTC1475CS8 Datasheet HTML 11Page - Linear Technology LTC1475CS8 Datasheet HTML 12Page - Linear Technology LTC1475CS8 Datasheet HTML 13Page - Linear Technology LTC1475CS8 Datasheet HTML 14Page - Linear Technology LTC1475CS8 Datasheet HTML 15Page - Linear Technology LTC1475CS8 Datasheet HTML 16Page - Linear Technology LTC1475CS8 Datasheet HTML 17Page - Linear Technology LTC1475CS8 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1474/LTC1475
TYPICAL APPLICATIONS
1474/75 F10
VIN
GND
SENSE
LBI
RUN
VFB
LBO
SW
LTC1474
+
6
3
8
1
2
5
7
4
100k
1.43M
1%
RUN
1000pF
4.7
µF†
35V
0.1
µF
VIN
3.5V TO 18V
1M
1%
2
Ω**
1
Ω**
1
Ω**
10pF
L*
270
µH
D1
MBR0530
+
100
µF††
6.3V
VOUT
3V
100mA
* SUMIDA CDRH73-271
** 3 PARALLEL STANDARD RESISTORS
PROVIDE LEAST EXPENSIVE SOLUTION
(SEE R SENSE SELECTION SECTION)
† AVX TPSC475M035
†† AVX TPSC107M006
Figure 10. High Efficiency 3V/100mA Regulator (Design Example)
Figure 11. High Efficiency 3.3V/10mA Output from 4mA to 20mA Loop
1474/75 F11
VIN
GND
SENSE
LBI
RUN
VOUT
LBO
SW
LTC1474-3.3
6
3
8
1
2
5
7
4
100k
RUN
TO A/D
MBR0530
1000pF
1
µF
× 3
IN+
4mA TO 20mA
IN–
4mA TO 20mA
2
Ω
7.5M
1M
D2††
12V
L*
330
µH
D1
MBR0530
10
µF**
VOUT
3.3V
10mA
* COILCRAFT DO1608-334
** MARCON THCS50E1E106Z,
AVX 1206ZG106Z
† OPTIONAL RESISTOR FOR SENSING LOOP CURRENT BY A/D CONVERTER
† † MOTOROLA MMBZ5242BL
†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com