Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1515CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1515CS8
Description  Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1515CS8 Datasheet(HTML) 8 Page - Linear Technology

  LTC1515CS8 Datasheet HTML 1Page - Linear Technology LTC1515CS8 Datasheet HTML 2Page - Linear Technology LTC1515CS8 Datasheet HTML 3Page - Linear Technology LTC1515CS8 Datasheet HTML 4Page - Linear Technology LTC1515CS8 Datasheet HTML 5Page - Linear Technology LTC1515CS8 Datasheet HTML 6Page - Linear Technology LTC1515CS8 Datasheet HTML 7Page - Linear Technology LTC1515CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1515 Series
© LINEAR TECHNOLOGY CORPORATION 1997
1515f LT/TP 0298 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507qTELEX: 499-3977 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1514 Series
Step-Up/Step-Down Switched Capacitor DC/DC Converters
VIN 2V to 10V, 3.3V and 5V Versions, IOUT to 50mA
LTC1516
Micropower, Regulated 5V Charge Pump DC/DC Converter
IOUT = 20mA (VIN ≥ 2V), IOUT = 50mA (VIN ≥ 3V)
LTC1517-5
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 Without Shutdown and Packaged in SOT-23
LTC1522
Micropower, Regulated 5V Charge Pump DC/DC Converter
Available in 8-Pin MSOP, 6
µA Quiescent Current, IOUT = 20mA
LTC1555/LTC1556
SIM Power Supply and Level Translators
Step-Up/Step-Down SIM Power Supply and Level Translators
LTC660
100mA CMOS Voltage Converter
5V to – 5V Conversion with Low Voltage Loss
TYPICAL APPLICATIONS
RELATED PARTS
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
Low Power, Low Noise Step-Up/Step-Down 5V Supply with Reset
SHDN
POR
GND
FB
VOUT
VIN
C1–
C1+
LTC1515
1
2
3
4
8
7
6
5
0.22
µF
10
µF
22
µF
1.4M
VIN = 3V TO 10V
ON OFF
RESET
LTC1515 • TA03
402k
470k
LT1121-5
IN
GND
OUT
10
µF
8
3
1
VOUT = 5V
IOUT = 20mA
VRIPPLE < 1mVP-P
5.5V
+
+
2
Ω
10
µF
+
+
Programmable 3V/5V GSM SIM Card Power Supply
SHDN
POR
GND
5/3
VOUT
VIN
C1–
C1+
LTC1515-3/5
1
2
3
4
8
7
6
5
0.1
µF
NC
10
µF
10
µF
Li-Ion
VOUT = 3V OR 5V
IOUT = 15mA
ON OFF
5V 3V
LTC1515 • TA04
+
+
Positive and Negative Supply
SHDN
POR
GND
5/3
VOUT
VIN
VIN
C1–
C1+
LTC1515-3/5
1
2
3
4
8
7
6
5
0.22
µF
0.22
µF
**
* CENTRAL SEMICONDUCTOR
CMPSH-35 DUAL SCHOTTKY
** OPTIONAL CIRCUITRY FOR MAINTAINING
–VOUT WITH LOW VOUT LOADS
Q1, Q2: 2N3904
*
10
µF
VOUT = 5V
IOUT = 15mA, 2.7V ≤ VIN ≤ 4.4V
IOUT = 50mA, 3.3V ≤ VIN ≤ 4.4V
VIN = 2.7V TO 4.4V
VOUT = –1V TO –3.5V
IOUT = 5mA
ON OFF
NC
LTC1515 • TA05
+
+
10
µF
10
µF
470
Ω
8.2k
2.4k
Q1
Q2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com