Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1515CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1515CS8
Description  Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1515CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1515CS8 Datasheet HTML 1Page - Linear Technology LTC1515CS8 Datasheet HTML 2Page - Linear Technology LTC1515CS8 Datasheet HTML 3Page - Linear Technology LTC1515CS8 Datasheet HTML 4Page - Linear Technology LTC1515CS8 Datasheet HTML 5Page - Linear Technology LTC1515CS8 Datasheet HTML 6Page - Linear Technology LTC1515CS8 Datasheet HTML 7Page - Linear Technology LTC1515CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1515 Series
Step-Up/Step-Down
Switched Capacitor DC/DC
Converters with Reset
Daisy-Chained Control Outputs
FEATURES
The LTC
®1515, LTC1515-3/5 and LTC1515-3.3/5 are
micropower switched capacitor DC/DC converters that
produce a regulated output voltage by either stepping up
or stepping down the input voltage. Output voltage is
adjustable using an external resistor divider (LTC1515) or
programmable to either 3V/5V (LTC1515-3/5) or 3.3V/5V
(LTC1515-3.3/5) using a logic pin.
A unique architecture allows the parts to accommodate a
wide input voltage range (2V to 10V) while maintaining
±4% regulation. Additional circuitry prevents excessive
inrush current and output voltage ripple when large VIN to
VOUT differentials are present.
An internal power-on reset circuit forces the POR pin low
on initial power-up. The POR output remains low until
200ms (typ) after VOUT is in regulation.
The parts are short-circuit and overtemperature protected.
Battery life is maximized by very low operating currents
(ICC = 60µA typ, ICC < 1µA in shutdown). All three parts are
available in an SO-8 package.
DESCRIPTION
s
Adjustable/Selectable 3V, 3.3V or 5V
Output Voltages
s
2V to 10V Input Voltage Range
s
Up to 50mA Output Current
s
Only Three External Capacitors Required
s
Soft Start Limits Inrush Current at Turn-On
s
Low Operating Current: 60
µA
s
Very Low Shutdown Current: < 1
µA
s
Shutdown Disconnects Load from VIN
s
VOUT Programmable to 3V/5V or 3.3V/5V
s
Short-Circuit and Overtemperature Protected
s
650kHz Switching Frequency
s
Open-Drain Power-On Reset Output
s
Available in SO-8 Package
TYPICAL APPLICATION
APPLICATIONS
s
SIM Interface in GSM Cellular Telephones
s
Smart Card Readers
s
Local Power Supplies
s
Portable Equipment
, LTC and LT are registered trademarks of Linear Technology Corporation.
Programmable 3.3V/5V Power Supply with Power-On Reset
SHDN
POR
GND
5/3
VOUT
VIN
C1–
C1+
LTC1515-3.3/5
1
2
3
4
8
7
6
5
0.22
µF
10
µF
10
µF
VIN
4-CELL
NiCd
100k
VOUT = 3.3V OR 5V
IOUT = 50mA
ON OFF
RESET
5V 3.3V
LTC1515 • TA01
+
+
LTC1515-X 5V Output vs Input Voltage
INPUT VOLTAGE (V)
2
10
LT1515 • TA02
4
6
8
3
5
7
9
5.2
5.1
5.0
4.9
4.8
IOUT = 10mA
5/3 = 3V


Similar Part No. - LTC1515CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1515 LINER-LTC1515 Datasheet
268Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LTC1515 LINER-LTC1515 Datasheet
196Kb / 12P
High Voltage, Low Quiescent Current
logo
Linear Integrated Syste...
LTC1515 LINEAR-LTC1515 Datasheet
144Kb / 8P
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1515 LINER-LTC1515 Datasheet
219Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
logo
Analog Devices
LTC1515 AD-LTC1515 Datasheet
1Mb / 14P
High Voltage Boost Charge Pump
More results

Similar Description - LTC1515CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
Maxim Integrated Produc...
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
Step-Down DC-DC Converters
Rev 1; 10/13
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
Step-Down DC-DC Converters
Rev 2; 12/13
logo
Linear Technology
LTC1515 LINER-LTC1515_15 Datasheet
219Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com