Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1515CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1515CS8
Description  Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1515CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1515CS8 Datasheet HTML 1Page - Linear Technology LTC1515CS8 Datasheet HTML 2Page - Linear Technology LTC1515CS8 Datasheet HTML 3Page - Linear Technology LTC1515CS8 Datasheet HTML 4Page - Linear Technology LTC1515CS8 Datasheet HTML 5Page - Linear Technology LTC1515CS8 Datasheet HTML 6Page - Linear Technology LTC1515CS8 Datasheet HTML 7Page - Linear Technology LTC1515CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1515 Series
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1515-X Shutdown Supply
Current vs Input Voltage
LTC1515-X Step-Down Mode
5V Load Transient Response
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
8
1515 G12
2
4
6
10
85
°C
SHDN = 0V
–40
°C
25
°C
VOUT
AC COUPLED
100mV/DIV
IOUT
50mA/DIV
VIN = 8V, VOUT = 5V, COUT = 10µF, TA = 25°C
1515 G10
50mA
0mA
VOUT
AC COUPLED
100mV/DIV
IOUT
50mA/DIV
LTC1515-X Step-Up Mode
5V Load Transient Response
VIN = 3.3V, VOUT = 5V, COUT = 10µF, TA = 25°C
1515 G11
low will force VOUT to 3V (LTC1515-3/5) or 3.3V (LTC1515-
3.3/5). As with the SHDN pin, the 5/3 pin may be driven with
3V logic over the entire VIN range. The 5/3 pin may not float.
FB (LTC1515) (Pin 3): Feedback Input. The voltage on this
pin is compared to the internal reference voltage (1.232V)
to keep the output in regulation. An external resistor divider
is required between VOUT and FB to adjust the output
voltage. Total divider resistance should not exceed 2M.
GND (Pin 4): Ground. Should be tied to a ground plane for
best performance.
C1– (Pin 5): Charge Pump Flying Capacitor, Negative
Terminal.
SHDN (Pin 1): Shutdown Input. A logic low on the SHDN
pin puts the part into shutdown mode. A logic high (VSHDN
≥ 1.6V) enables the part. At high VIN voltages, the SHDN
pin may still be controlled with 3V logic without causing a
large rise in VIN quiescent current. The SHDN pin may not
float; connect to VIN if unused.
POR (Pin 2): Open-Drain Power-On Reset Output. This pin
will pull low upon initial power-up, during shutdown or
until VOUT has been within 6.5% of its regulated value for
more than 200ms typ.
5/3 (LTC1515-X) (Pin 3): Output Voltage Select. A logic
high on the 5/3 pin will force VOUT to regulate to 5V. A logic
PIN FUNCTIONS
INPUT VOLTAGE (V)
0
100
80
60
40
20
8
1515 G09
2
4
6
10
VOUT = 3V
IOUT = 10mA
TA = 25°C
LTC1515-X
3V Efficiency vs Input Voltage
LTC1515-X
5V Efficiency vs Input Voltage
INPUT VOLTAGE (V)
2
100
80
60
40
20
10
1515 G08
4
6
8
12
VOUT = 5V
IOUT = 10mA
TA = 25
°C
INPUT VOLTAGE (V)
0
100
80
60
40
20
8
1515 G07
2
4
6
10
VOUT = 3.3V
IOUT = 10mA
TA = 25
°C
LTC1515-X
3.3V Efficiency vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com