Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1536CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1536CS8
Description  Precision Triple Supply Monitor for PCI Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1536CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1536CS8 Datasheet HTML 1Page - Linear Technology LTC1536CS8 Datasheet HTML 2Page - Linear Technology LTC1536CS8 Datasheet HTML 3Page - Linear Technology LTC1536CS8 Datasheet HTML 4Page - Linear Technology LTC1536CS8 Datasheet HTML 5Page - Linear Technology LTC1536CS8 Datasheet HTML 6Page - Linear Technology LTC1536CS8 Datasheet HTML 7Page - Linear Technology LTC1536CS8 Datasheet HTML 8Page - Linear Technology LTC1536CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1536
Precision Triple Supply Monitor
for PCI Applications
1
2
3
4
8
7
6
5
VCC3
VCC5
VCCA
GND
PBR
SRST
RST
RST
LTC1536
PUSHBUTTON
RESET
PCI
LOCAL
BUS
RPU SELECTED TO MEET RISE TIME
SLEW RATE REQUIREMENTS (1k MIN)
5V
±5%
3.3V
±0.3V
0.1
µF
RPU
RST
1536 TA01
PWR GOOD
0.1
µF
Motherboard PCI RST Generation
TIME (20ns/DIV)
5
4
3
2
1
0
1536 TA02
VCC5 = 5V TO 3V STEP
VCC3 = VCCA = 3.3V
4.7k PULL-UP FROM
RST TO VCC3
RST
VCC5
Power Fail Waveform
5V Dropping Below 3.3V by 300mV
s
Simultaneously Monitors 5V, 3.3V and
Adjustable Inputs
s
Guaranteed Threshold Accuracy:
±0.75%
s
Low Supply Current: 100
µA
s
Internal Reset Time Delay: 200ms
s
Manual Pushbutton Reset Input
s
Active Low and Active High Reset Outputs
s
Active Low “Soft” Reset Output
s
Power Supply Glitch Immunity
s
Guaranteed Reset for Either VCC3 ≥ 1V or VCC5 ≥ 1V
s
Meets PCI tFAIL Timing Specifications Rev 2.1
s
8-Pin SO and MSOP Packages
The LTC
®1536 is designed for PCI local bus applications
with multiple supply voltages that require low power,
small size, high speed and high accuracy supply
monitoring.
For 3.3V and 5V supplies that are > 500mV below spec or
for the condition when the 5V supply falls below the 3.3V
supply, the LTC1536 has a very fast response time capable
of meeting the PCI tFAIL timing specification. Tight 0.75%
threshold accuracy and glitch immunity ensure reliable
reset operation without false triggering.
The RST output is guaranteed to be in the correct state for
VCC5 or VCC3 down to 1V. The 100µA typical supply current
makes the LTC1536 ideal for power-conscious systems.
A manual pushbutton reset input provides the ability to
generate a very narrow “soft” reset pulse (100
µs typ) or a
200ms reset pulse equivalent to a power-on reset. Both
SRST and RST outputs are open-drain and can be OR-tied
with other reset sources.
s
PCI-Based Systems
s
Desktop Computers
s
Notebook Computers
s
Intelligent Instruments
s
Portable Battery-Powered Equipment
s
Network Servers
, LTC and LT are registered trademarks of Linear Technology Corporation.
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1536CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1536 LINER-LTC1536 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC1536 LINER-LTC1536 Datasheet
153Kb / 16P
Precision Quad Supply Monitor in 6-Lead SOT-23
LTC1536 LINER-LTC1536 Datasheet
174Kb / 12P
Precision Triple Supply Monitor for PCI Applications
LTC1536 LINER-LTC1536_15 Datasheet
174Kb / 12P
Precision Triple Supply Monitor for PCI Applications
More results

Similar Description - LTC1536CS8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
Precision Six Supply Monitor
logo
Linear Technology
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
Precision Six Input Supply Monitor
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
Precision supply-voltage monitor
logo
fujitsu semiconductor
MB3771PF-G-BND-JNE1 FUJITSU-MB3771PF-G-BND-JNE1 Datasheet
196Kb / 21P
ASSP For power supply applications BIPOLAR Power Supply Monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
Precision supply-voltage monitor
logo
Linear Technology
LTC1536 LINER-LTC1536_15 Datasheet
174Kb / 12P
Precision Triple Supply Monitor for PCI Applications
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
Precision Six Input Supply Monitor
LTC2911 LINER-LTC2911_15 Datasheet
255Kb / 20P
Precision Triple Supply Monitor with Power-Fail Comparator
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
Precision supply-voltage monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com