Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1536CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1536CS8
Description  Precision Triple Supply Monitor for PCI Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1536CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1536CS8 Datasheet HTML 1Page - Linear Technology LTC1536CS8 Datasheet HTML 2Page - Linear Technology LTC1536CS8 Datasheet HTML 3Page - Linear Technology LTC1536CS8 Datasheet HTML 4Page - Linear Technology LTC1536CS8 Datasheet HTML 5Page - Linear Technology LTC1536CS8 Datasheet HTML 6Page - Linear Technology LTC1536CS8 Datasheet HTML 7Page - Linear Technology LTC1536CS8 Datasheet HTML 8Page - Linear Technology LTC1536CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1536
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPBR
PBR Pull-Up Current
PBR = 0V, 0
°C ≤ TA ≤ 70°C
q
37
10
µA
PBR = 0V, – 40
°C ≤ TA ≤ 85°C
q
37
15
µA
VIL
PBR, RST Input Low Voltage
q
0.8
V
VIH
PBR, RST Input High Voltage
q
2V
tPW
PBR Min Pulse Width
q
40
ns
tDB
PBR Debounce
Deassertion of PBR Input to SRST
q
20
35
ms
Output (PBR Pulse Width = 1
µs)
tPB
PBR Assertion Time for Transition
PBR Held Less Than VIL, 0°C to 70°C
q
1.4
2.0
2.8
s
from Soft to Hard Reset Mode
PBR Held Less Than VIL, – 40°C to 85°C
q
1.4
2.0
3.0
s
VOL
RST Output Voltage Low
ISINK = 5mA
q
0.15
0.4
V
ISINK = 100µAVCC3 = 1V, VCC5 = 0V
q
0.05
0.4
V
0
°C ≤ TA ≤ 70°CVCC3 = 0V, VCC5 = 1V
q
0.05
0.4
V
VCC3 = 1V, VCC5 = 1V
q
0.05
0.4
V
ISINK = 100µAVCC3 = 1.1V, VCC5 = 0V
q
0.05
0.4
V
–40
°C ≤ TA ≤ 85°CVCC3 = 0V, VCC5 = 1.1V
q
0.05
0.4
V
VCC3 = 1.1V, VCC5 = 1.1V
q
0.05
0.4
V
SRST Output Voltage Low
ISINK = 2.5mA
q
0.15
0.4
V
RST Output Voltage Low
ISINK = 2.5mA
q
0.15
0.4
V
VOH
RST Output Voltage High (Note 3)
ISOURCE = 1µA
q
VCC3 – 1
V
SRST Output Voltage High (Note 3)
ISOURCE = 1µA
q
VCC3 – 1
V
RST Output Voltage High
ISOURCE = 600µA
q
VCC3 – 1
V
tPHL
Propagation Delay RST to RST
CRST = 20pF
25
ns
High Input to Low Output
tPLH
Propagation Delay RST to RST
CRST = 20pF
45
ns
Low Input to High Output
tFAIL
VCC5 or VCC3 0.5V Undervoltage
VCC5 Drops Below 4.25V or VCC3 Drops
q
150
450
ns
to RST (Note 4)
Below 2.5V (Note 5)
tPF
VCC5 < (VCC3 – 300mV) RST (Note 4)
VCC5 Drops Below VCC3 By 300mV
q
50
90
ns
(Note 6)
ELECTRICAL CHARACTERISTICS
VCC3 = 3.3V, VCC5 = 5V, VCCA = VCC3, TA = 25°C unless otherwise noted.
Note 4: Conforms to PCI Local Bus Specification Rev 2.1,
Sect. 4.3.2 for tFAIL.
Note 5: VCC3 or VCC5 falling at – 0.1V/µs, time measured from
VRTX – 500mV to RST at 1.5V.
Note 6: VCC5 falling from 5V to 3V in ≤10ns, time measured from
VCC5 = (VCC3 – 300mV) to RST at 1.5V.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: The output pins SRST and RST have weak internal pull-ups to
VCC3 of 6µA. However, external pull-up resistors may be used when faster
rise times are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com