Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1536CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1536CS8
Description  Precision Triple Supply Monitor for PCI Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1536CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1536CS8 Datasheet HTML 2Page - Linear Technology LTC1536CS8 Datasheet HTML 3Page - Linear Technology LTC1536CS8 Datasheet HTML 4Page - Linear Technology LTC1536CS8 Datasheet HTML 5Page - Linear Technology LTC1536CS8 Datasheet HTML 6Page - Linear Technology LTC1536CS8 Datasheet HTML 7Page - Linear Technology LTC1536CS8 Datasheet HTML 8Page - Linear Technology LTC1536CS8 Datasheet HTML 9Page - Linear Technology LTC1536CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1536
PIN FUNCTIONS
VCC3 (Pin 1): 3.3V Sense Input and Power Supply Pin for
the IC. Bypass to ground with
≥0.1µF ceramic capacitor.
VCC5 (Pin 2): 5V Sense Input. Used as gate drive for RST
output FET when the voltage on VCC5 is greater than the
voltage on VCC3.
VCCA (Pin 3): 1V Sense, High Impedance Input. Can be
used as a logic input with a 1V threshold. If unused it can
be tied to either VCC3 or VCC5.
GND (Pin 4): Ground.
RST (Pin 5): Reset Logic Output. Active high CMOS logic
output, drives high to VCC3, buffered compliment of RST.
An external pull-down on the RST pin will drive this pin high.
RST (Pin 6): Reset Logic Output. Active low, open-drain
logic output with weak pull-up to VCC3. Can be pulled up
greater than VCC3 when interfacing to 5V logic.
VCC3
SOFT RESET
RESET
3
VCCA
2
VCC5
TO
POWER
DETECT
8
PBR
7
SRST
4
GND
REF
PBR
TIMER
200ms
RESET
GENERATOR
POWER
DETECT/
GATE DRIVE
VCC3
6
RST
5
VCC3
VCC3
VCC5
RST
6
µA
VCC3
7
µA
6
µA
FAST
FAST
SLOW
FAST
SLOW
SLOW
1
VCC3
TO POWER DETECT
AND VCC INTERNAL
1326 BD
BLOCK DIAGRAM
Asserted when one or more of the supplies are below trip
thresholds and held for 200ms after all supplies become
valid. Also asserted after PBR is held low for more than two
seconds and for an additional 200ms after PBR is released.
SRST (Pin 7): “Soft” Reset. Active low, open-drain logic
output with weak pull-up to VCC3. Can be pulled up greater
than VCC3 when interfacing to 5V logic. Asserted for 100µs
after PBR is held low for less than two seconds and released.
PBR (Pin 8): Pushbutton Reset. Active low logic input with
weak pull-up to VCC3. Can be pulled up greater than VCC3
when interfacing to 5V logic. When asserted for less than
two seconds, outputs a soft reset 100
µspulseontheSRST
pin. When PBR is asserted for greater than two seconds,
the RST output is forced low and remains low until 200ms
after PBR is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com