Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553LCSW Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1553LCSW
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553LCSW Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1553LCSW Datasheet HTML 9Page - Linear Technology LTC1553LCSW Datasheet HTML 10Page - Linear Technology LTC1553LCSW Datasheet HTML 11Page - Linear Technology LTC1553LCSW Datasheet HTML 12Page - Linear Technology LTC1553LCSW Datasheet HTML 13Page - Linear Technology LTC1553LCSW Datasheet HTML 14Page - Linear Technology LTC1553LCSW Datasheet HTML 15Page - Linear Technology LTC1553LCSW Datasheet HTML 16Page - Linear Technology LTC1553LCSW Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1553L
APPLICATIONS INFORMATION
R
P
DC Q
I
VP
VI
R
P
DC Q
I
VP
VV
I
DS ON Q
MAX Q
MAX
IN
MAX Q
OUT
MAX
DS ON Q
MAX Q
MAX
IN
MAX Q
IN
OUT
MAX
()
()
()
()
()
()
=
()
[]()
=
()


()( )
=
()
[]()
=
()


()( )
1
1
2
1
2
2
2
2
2
2
1
2
PMAX should be calculated based primarily on required
efficiency or allowable thermal dissipation. A typical high
efficiency circuit designed for Pentium II with a 5V input
and a 2.8V, 11.2A output might allow no more than 4%
efficiency loss at full load for each MOSFET. Assuming
roughly 90% efficiency at this current level, this gives a
PMAX value of:
[(2.8)(11.2A/0.9)(0.04)] = 1.39W per FET
and a required RDS(ON) of:
R
VW
VA
R
VW
VV
A
DS ON Q
DS ON Q
()
()
= ()(
)
()( )
=
=
()(
)
()( )
=
1
2
2
2
51 39
2 8
11 2
0 019
51 39
52 8
11 2
0 025
.
..
.
.
..
.
Note also that while the required RDS(ON) values suggest
large MOSFETs, the dissipation numbers are only 1.39W
per device or less––large TO-220 packages and heat sinks
are not necessarily required in high efficiency applica-
tions. Siliconix Si4410DY or International Rectifier IRF7413
(both in SO-8) or Siliconix SUD50N03 or Motorola
MTD20N03HDL (both in D PAK) are small footprint sur-
face mount devices with RDS(ON) values below 0.03Ω at 5V
of gate drive that work well in LTC1553L circuits. With
higher output voltages, the RDS(ON) of Q1 may need to be
significantly lower than that for Q2. These conditions can
often be met by paralleling two MOSFETs for Q1 and using
a single device for Q2. Note that using a higher PMAX value
in the RDS(ON) calculations will generally decrease MOSFET
cost and circuit efficiency while increasing MOSFET heat
sink requirements.
Q1
G1
Q2
0.1
µF
LO
VOUT
1553L F07
COUT
CIN
VIN
PVCC
1N5243B
13V
1N5817
OPTIONAL FOR VIN > 5V
G2
LTC1553L
20
1
2
+
+
Figure 7. Doubling Charge Pump
If the OUTEN pin is low, G1 and G2 are both held low to
prevent output voltage undershoot. As VCC and PVCC
power up from a 0V condition, an internal undervoltage
lockup circuit prevents G1 and G2 from going high until
VCC reaches about 3.5V. If VCC powers up while PVCC is at
ground potential, the SS is forced to ground potential
internally. SS clamps the COMP pin low and prevents the
drivers from turning on. On power-up or recovery from
thermal shutdown, the drivers are designed such that G2
is held low until G1 first goes high.
Power MOSFETs
Two N-channel power MOSFETs are required for most
LTC1553L circuits. Logic level MOSFETs should be used
and they should be selected based on on-resistance con-
siderations. RDS(ON) should be chosen based on input and
output voltage, allowable power dissipation and maxi-
mum required output current. In a typical LTC1553L buck
converter circuit the average inductor current is equal to
the output load current. This current is always flowing
through either Q1 or Q2 with the power dissipation split up
according to the duty cycle:
DC Q
V
V
DC Q
V
V
VV
V
OUT
IN
OUT
IN
IN
OUT
IN
1
21
()=
()=−
=
()
The RDS(ON) required for a given conduction loss can now
be calculated by rearranging the relation P = I2R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com