Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553LCSW Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1553LCSW
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553LCSW Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1553LCSW Datasheet HTML 12Page - Linear Technology LTC1553LCSW Datasheet HTML 13Page - Linear Technology LTC1553LCSW Datasheet HTML 14Page - Linear Technology LTC1553LCSW Datasheet HTML 15Page - Linear Technology LTC1553LCSW Datasheet HTML 16Page - Linear Technology LTC1553LCSW Datasheet HTML 17Page - Linear Technology LTC1553LCSW Datasheet HTML 18Page - Linear Technology LTC1553LCSW Datasheet HTML 19Page - Linear Technology LTC1553LCSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1553L
APPLICATIONS INFORMATION
capacitors shown at VCC and PVCC will help provide
optimum regulation performance.
5. The (+) plate of CIN should be connected as close as
possible to the drain of the upper MOSFET. An addi-
tional 1
µF ceramic capacitor between VIN and power
ground is recommended.
6. The SENSE pin is very sensitive to pickup from the
switching node. Care should be taken to isolate SENSE
from possible capacitive coupling to the inductor switch-
ing signal. A 0.1
µF is required between the SENSE pin
and the SGND pin next to the LTC1553L.
7. OUTEN is a high impedance input and should be
externally pulled up to a logic HIGH for normal
operation.
8. Kelvin sense IMAX and IFB at Q1 drain and source pins.
ground plane at a single point, preferably at a fairly quiet
point in the circuit such as close to the output capaci-
tors. This is not always practical, however, due to
physical constraints. Another reasonably good point to
make this connection is between the output capacitors
and the source connection of the low side FET Q2. Do
not tie this single point ground in the trace run between
the low side FET source and the input capacitor ground,
as this area of the ground plane will be very noisy.
3. The small signal resistors and capacitors for frequency
compensation and soft start should be located very
close to their respective pins and the ground ends
connected to the signal ground pin through a separate
trace. Do not connect these parts to the ground plane!
4. The VCC and PVCC decoupling capacitors should be as
close to the LTC1553L as possible. The 10
µF bypass
Figure 10. LTC1553L Layout Diagram
10
µF
10
µF
5.6k
1153L F10
0.1
µF
SGND
G1
OUTEN
VID0
VID1
VID2
VID3
VID4
20
19
18
17
16
15
14
13
12
11
G2
PVCC
VCC
SENSE
0.1
µF
+
+
VOUT
LO
PVCC
RC
RIMAX
BOLD LINES INDICATE
HIGH CURRENT PATHS
CC
C1
CSS
COUT
Q1
Q2
+
CIN
VIN
5.6k
5.6k
LTC1553L
RIFB
3
1
2
4
5
6
7
8
9
10
GND
IMAX
IFB
SS
COMP
VID0
VID1
VID2
VID3
VID4
PWRGD
FAULT
OT
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com