Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1553LCSW Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1553LCSW
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553LCSW Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1553LCSW Datasheet HTML 12Page - Linear Technology LTC1553LCSW Datasheet HTML 13Page - Linear Technology LTC1553LCSW Datasheet HTML 14Page - Linear Technology LTC1553LCSW Datasheet HTML 15Page - Linear Technology LTC1553LCSW Datasheet HTML 16Page - Linear Technology LTC1553LCSW Datasheet HTML 17Page - Linear Technology LTC1553LCSW Datasheet HTML 18Page - Linear Technology LTC1553LCSW Datasheet HTML 19Page - Linear Technology LTC1553LCSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1553L
Feedback Loop Compensation
The LTC1553L voltage feedback loop is compensated at
the COMP pin, attached to the output node of the internal
gm error amplifier. The feedback loop can generally be
compensated properly with an RC + C network from COMP
to GND as shown in Figure 8a.
Loop stability is affected by the values of the inductor,
output capacitor, output capacitor ESR, error amplifier
transconductance and error amplifier compensation net-
work. The inductor and the output capacitor create a
double pole at the frequency:
fLC =
1
2
π√(LO)(COUT)
The ESR of the output capacitor forms a zero at the
frequency:
fESR =
1
2
π(ESR)(COUT)
The compensation network at the error amplifier output is
to provide enough phase margin at the 0dB crossover
frequency for the overall closed-loop transfer function.
The zero and pole from the compensation network are:
fZ =
1
2
π(RC)(CC) and
fP =
1
2
π(RC)(C1) respectively.
Figure 8b shows the Bode plot of the overall transfer
function.
The compensation value used in this design is based on
the following criteria: fSW = 12fCO, fZ = fLC and fP = 5fCO. At
the closed-loop frequency fCO, the attenuation due the LC
filter and the input resistor divider is compensated by the
gain of the PWM modulator and the gain of the error
amplifier (gmERR)(RC). Although a mathematical approach
to frequency compensation can be used, the added
complication of input and/or output filters, unknown ca-
pacitor ESR, and gross operating point changes with input
voltage, load current variations, all suggest a more prac-
tical empirical method. This can be done by injecting a
transient current at the load and using an RC network box
to iterate toward the final compensation values, or by
obtaining the optimum loop response using a network
analyzer to find the actual loop poles and zeros.
APPLICATIONS INFORMATION
Figure 8a. Compensation Pin Hook-Up
1553L F08a
DAC
LTC1553L
SENSE
COMP
RC
CC
C1
ERR
6
10
Figure 8b. Bode Plot of the LTC1553L Overall Transfer Function
– 20dB/DECADE
fP
fZ
fCO
fESR
FREQUENCY
1553L F08b
fSW = LTC1553L SWITCHING
FREQUENCY
fCO = CLOSED-LOOP CROSSOVER
FREQUENCY
fLC
Table 6. Suggested Compensation Network for 5V Input
Application Using Multiple Paralleled 330
µF AVX TPS Output
Capacitors
LO (µH)
CO (µF)
RC (k)CC (µF)
C1 (pF)
1
990
1.8
0.022
680
1
1980
3.6
0.01
330
1
4950
9.1
0.01
120
2.7
990
5.1
0.01
220
2.7
1980
10
0.01
120
2.7
4950
24
0.0047
47
5.6
990
10
0.01
120
5.6
1980
20
0.0047
56
5.6
4950
51
0.0036
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com