Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1594CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1594CS
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1594CS Datasheet HTML 4Page - Linear Technology LTC1594CS Datasheet HTML 5Page - Linear Technology LTC1594CS Datasheet HTML 6Page - Linear Technology LTC1594CS Datasheet HTML 7Page - Linear Technology LTC1594CS Datasheet HTML 8Page - Linear Technology LTC1594CS Datasheet HTML 9Page - Linear Technology LTC1594CS Datasheet HTML 10Page - Linear Technology LTC1594CS Datasheet HTML 11Page - Linear Technology LTC1594CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1594/LTC1598
15948fb
PIN FUNCTIONS
VCC (Pin 15): Power Supply Voltage. This pin provides
power to the A/D Converter. It must be bypassed directly
to the analog ground plane.
VREF (Pin 16): Reference Input. The reference input de-
fines the span of the ADC.
ADCIN (Pin 17): ADC Input. This input is the positive
analog input to the ADC. Connect this pin to MUXOUT for
normal operation.
MUXOUT (Pin 18): MUX Output. This pin is the output of
the multiplexer. Tie to ADCIN for normal operation.
VCC (Pin 19): Power Supply Voltage. This pin should be
tied to Pin 15.
CH0 (Pin 20): Analog Multiplexer Input.
CH1 (Pin 21): Analog Multiplexer Input.
CH2 (Pin 22): Analog Multiplexer Input.
CH3 (Pin 23): Analog Multiplexer Input.
CH4 (Pin 24): Analog Multiplexer Input.
TEST CIRCUITS
Voltage Waveforms for DOUT Rise and Fall Times, tr, tf
Load Circuit for tdDO, tr and tf
DOUT
1.4V
3k
100pF
TEST POINT
1594/98 TC01
DOUT
VOL
VOH
tr
tf
1594/98 TC02
1594/98 BD
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
20
21
22
23
24
1
2
3
+
–
8-CHANNEL
MUX
8
COM
GND
4, 9
10
6
5, 14
7
11
CSADC
CSMUX
CLK
DIN
DOUT
12
13
NC
NC
12-BIT
SAMPLING
ADC
ADCIN
MUXOUT
18
17
16
15, 19
VREF VCC
CH0
CH1
CH2
CH3
1
2
3
4
+
–
4-CHANNEL
MUX
7
COM
GND
8
9
13
12
14
10
CSADC
CSMUX
CLK
DIN
DOUT
12-BIT
SAMPLING
ADC
ADCIN
MUXOUT
15
5
6
16
VREF VCC
LTC1594
LTC1598
BLOCK DIAGRA S
LTC1594
LTC1598



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com