Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1594CS Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1594CS
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1594CS Datasheet HTML 11Page - Linear Technology LTC1594CS Datasheet HTML 12Page - Linear Technology LTC1594CS Datasheet HTML 13Page - Linear Technology LTC1594CS Datasheet HTML 14Page - Linear Technology LTC1594CS Datasheet HTML 15Page - Linear Technology LTC1594CS Datasheet HTML 16Page - Linear Technology LTC1594CS Datasheet HTML 17Page - Linear Technology LTC1594CS Datasheet HTML 18Page - Linear Technology LTC1594CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LTC1594/LTC1598
15948fb
APPLICATIONS INFORMATION
BOARD LAYOUT CONSIDERATIONS
Grounding and Bypassing
The LTC1594/LTC1598 are easy to use if some care is
taken. They should be used with an analog ground plane
and single point grounding techniques. The GND pin
should be tied directly to the ground plane.
The VCC pin should be bypassed to the ground plane with
a 10
μFtantalumcapacitorwithleadsasshortaspossible.
If the power supply is clean, the LTC1594/LTC1598 can
also operate with smaller 1
μF or less surface mount or
ceramic bypass capacitors. All analog inputs should be
referenced directly to the single point ground. Digital
inputs and outputs should be shielded from and/or
routed away from the reference and analog circuitry.
SAMPLE-AND-HOLD
Both the LTC1594/LTC1598 provide a built-in sample-
and-hold (S&H) function to acquire signals through the
selected channel, assuming the ADCIN and MUXOUT
pins are tied together. The S & H of these parts acquire
input signals through the selected channel relative to
COM input during the tSMPL time (see Figure 7).
Single-Ended Inputs
The sample-and-hold of the LTC1594/LTC1598 allows
conversion of rapidly varying signals. The input voltage
is sampled during the tSMPL time as shown in Figure 7.
The sampling interval begins after tON time once the CS
is pulled low and continues until the second falling CLK
edge after the CS is low (see Figure 7). On this falling CLK
Figure 7. LTC1594/LTC1598 ADCIN and COM Input Settling Windows
CLK
DIN
DOUT
MUXOUT = ADCIN
CH0 TO CH7
SAMPLE
HOLD
“ANALOG” INPUT MUST
SETTLE DURING
THIS TIME
tSMPL
tON
tCONV
CSADC = CSMUX = CS
D2
D1
EN
D0
DON‘T CARE
1ST BIT TEST “COM” INPUT MUST
SETTLE DURING THIS TIME
B11
COM
1594/98 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com