Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1594CS Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1594CS
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1594CS Datasheet HTML 13Page - Linear Technology LTC1594CS Datasheet HTML 14Page - Linear Technology LTC1594CS Datasheet HTML 15Page - Linear Technology LTC1594CS Datasheet HTML 16Page - Linear Technology LTC1594CS Datasheet HTML 17Page - Linear Technology LTC1594CS Datasheet HTML 18Page - Linear Technology LTC1594CS Datasheet HTML 19Page - Linear Technology LTC1594CS Datasheet HTML 20Page - Linear Technology LTC1594CS Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1594/LTC1598
15948fb
Input Leakage Current
Input leakage currents can also create errors if the source
resistance gets too large. For instance, the maximum
input leakage specification of 200nA (at 85
°C) flowing
through a source resistance of 1.2k will cause a voltage
drop of 240
μV or 0.2LSB. This error will be much
reduced at lower temperatures because leakage drops
rapidly (see typical curve Input Channel Leakage Current
vs Temperature).
REFERENCE INPUTS
The reference input of the LTC1594/LTC1598 is effec-
tively a 50k resistor from the time CS goes low to the end
of the conversion. The reference input becomes a high
impedance node at any other time (see Figure 9). Since
the voltage on the reference input defines the voltage
span of the A/D converter, the reference input should be
driven by a reference with low ROUT (ex. LT1004, LT1019
and LT1021) or a voltage source with low ROUT.
Reduced Reference Operation
The effective resolution of the LTC1594/LTC1598 can be
increased by reducing the input span of the converters.
The LTC1594/LTC1598 exhibit good linearity and gain
over a wide range of reference voltages (see typical
curves Change in Linearity vs Reference Voltage and
Change in Gain vs Reference Voltage). However, care
must be taken when operating at low values of VREF
because of the reduced LSB step size and the resulting
higher accuracy requirement placed on the converters.
The following factors must be considered when operat-
ing at low VREF values:
1. Offset
2. Noise
3. Conversion speed (CLK frequency)
Offset with Reduced VREF
The offset of the LTC1594/LTC1598 has a larger effect on
the output code when the ADCs are operated with
reduced reference voltage. The offset (which is typically
a fixed voltage) becomes a larger fraction of an LSB as the
size of the LSB is reduced. The typical curve of Change in
Offset vs Reference Voltage shows how offset in LSBs is
related to reference voltage for a typical value of VOS. For
example, a VOS of 122μV which is 0.1LSB with a 5V
reference becomes 0.5LSB with a 1V reference and
2.5LSBs with a 0.2V reference. If this offset is unaccept-
able, it can be corrected digitally by the receiving system
or by offsetting the “COM” input of the LTC1594/LTC1598.
Noise with Reduced VREF
The total input referred noise of the LTC1594/LTC1598
can be reduced to approximately 400
μV peak-to-peak
using a ground plane, good bypassing, good layout
techniques and minimizing noise on the reference inputs.
This noise is insignificant with a 5V reference but will
become a larger fraction of an LSB as the size of the LSB
is reduced.
For operation with a 5V reference, the 400
μV noise is only
0.33LSB peak-to-peak. In this case, the LTC1594/LTC1598
noise will contribute virtually no uncertainty to the output
code. However, for reduced references the noise may
become a significant fraction of an LSB and cause
undesirable jitter in the output code. For example, with a
2.5V reference this same 400
μV noise is 0.66LSB peak-
to-peak. This will reduce the range of input voltages over
which a stable output code can be achieved by 1LSB. If
the reference is further reduced to 1V, the 400
μV noise
becomes equal to 1.65LSBs and a stable code may be
difficult to achieve. In this case averaging multiple read-
ings may be necessary.
This noise data was taken in a very clean setup. Any setup
induced noise (noise or ripple on VCC, VREF or VIN) will
add to the internal noise. The lower the reference voltage
to be used the more critical it becomes to have a clean,
noise free setup.
LTC1594
LTC1598
REF+
ROUT
VREF
1
4
GND
1594/98 F09
Figure 9. Reference Input Equivalent Circuit
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com