Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1624CS8
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1624CS8 Datasheet HTML 11Page - Linear Technology LTC1624CS8 Datasheet HTML 12Page - Linear Technology LTC1624CS8 Datasheet HTML 13Page - Linear Technology LTC1624CS8 Datasheet HTML 14Page - Linear Technology LTC1624CS8 Datasheet HTML 15Page - Linear Technology LTC1624CS8 Datasheet HTML 16Page - Linear Technology LTC1624CS8 Datasheet HTML 17Page - Linear Technology LTC1624CS8 Datasheet HTML 18Page - Linear Technology LTC1624CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
LTC1624
Allowing a margin for variations in the LTC1624 (without
considering variation in RSENSE), assuming 30% ripple
current in the inductor, yields:
R
mV
I
V
VV
SENSE
OUT MAX
IN MIN
OUT
D
=
+
()
()
100
Boost Converter: Output Diode
The output diode conducts current only during the switch
off-time. Peak reverse voltage for boost converters is
equal to the regulator output voltage. Average forward
current in normal operation is equal to output current.
Remember boost converters are not short-circuit pro-
tected. Check to be sure the diode’s current rating exceeds
the maximum current set by RSENSE. Schottky diodes such
as Motorola MBR130LT3 are recommended.
Boost Converter: Output Capacitors
The output capacitor is normally chosen by its effective
series resistance (ESR), because this is what determines
output ripple voltage.
Since the output capacitor’s ESR affects efficiency, use
low ESR capacitors for best performance. Boost regula-
tors have large RMS ripple current in the output capacitor
that must be rated to handle the current. The output
capacitor ripple current (RMS) is:
CI
VV
V
OUT
OUT
OUT
IN
IN
IRIPPLE RMS
() ≈
−
Output ripple is then simply: VOUT = RESR (∆IL(RMS)).
Boost Converter: Input Capacitors
The input capacitor of a boost converter is less critical due
to the fact that the input current waveform is triangular,
and does not contain large square wave currents as found
in the output capacitor. The input voltage source imped-
ance determines the size of the capacitor that is typically
10
µF to 100µF. A low ESR is recommended although not
as critical as the output capacitor and can be on the order
of 0.3
Ω. Input capacitor ripple current for the LTC1624
used as a boost converter is:
APPLICATIONS INFORMATION
C
VV
V
kHz L V
IN
IN
OUT
IN
OUT
IRIPPLE ≈
() −
()
()( )( )
03
200
.
The input capacitor can see a very high surge current when
a battery is suddenly connected and solid tantalum capaci-
tors can fail under this condition. Be sure to specify surge
tested capacitors.
Boost Converter: Duty Cycle Limitations
The minimum on-time of 450ns sets a limit on how close
VIN can approach VOUT without the output voltage over-
shooting and tripping the overvoltage comparator. Unless
very low values of inductances are used, this should never
be a problem. The maximum input voltage in continuous
mode is:
VIN(MAX) = 0.91VOUT + 0.5V
For DC = 9%
SEPIC Converter Applications
The LTC1624 is also well-suited to SEPIC (Single Ended
Primary Inductance Converter) converter applications.
The SEPIC converter shown in Figure 7 uses two induc-
tors. The advantage of the SEPIC converter is the input
voltage may be higher or lower than the output voltage.
The first inductor L1 together with the main N-channel
MOSFET switch resemble a boost converter. The second
inductor L2 and output diode D1 resemble a flyback or
buck-boost converter. The two inductors L1 and L2 can be
independent but also can be wound on the same core since
Figure 7. SEPIC Converter
+
+
CB
L1
L2
M1
R2
R1
RSENSE
CIN
D1
C1
VIN
1624 F07
VIN
VFB
LTC1624
SENSE–
BOOST
TG
SW
GND
+
COUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com