Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS8 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1624CS8
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS8 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1624CS8 Datasheet HTML 15Page - Linear Technology LTC1624CS8 Datasheet HTML 16Page - Linear Technology LTC1624CS8 Datasheet HTML 17Page - Linear Technology LTC1624CS8 Datasheet HTML 18Page - Linear Technology LTC1624CS8 Datasheet HTML 19Page - Linear Technology LTC1624CS8 Datasheet HTML 20Page - Linear Technology LTC1624CS8 Datasheet HTML 21Page - Linear Technology LTC1624CS8 Datasheet HTML 22Page - Linear Technology LTC1624CS8 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LTC1624
where
I
VV
V
V
OUT MAX
IN
OUT
D
IN
: ISW MAX
()
()
=
++
δ is the temperature dependency of RDS(ON) and k is a
constant inversely related to the gate drive current. The
maximum switch current occurs at VIN(MIN) and the peak
switch current is ISW(MAX) + ∆IL/2. The maximum voltage
across the switch is VIN(MAX) + VOUT.
MOSFETs have I2R losses plus the PMAIN equation
includes an additional term for transition losses that are
highest at high total input plus output voltages. For
(
VOUT+ VIN) < 20V the high current efficiency generally
improves with larger MOSFETs, while for (
VOUT+ VIN)
> 20V the transition losses rapidly increase to the point
that the use of a higher RDS(ON) device with lower CRSS
actual provides higher efficiency. For additional informa-
tion refer to the Step-Down Converter: Power MOSFET
Selection in the Applications Information section.
Positive-to-Negative Converter: Inductor Selection
For most applications the inductor will fall in the range of
10
µH to 100µH. Higher values reduce the input and output
ripple voltage (although not as much as step-down con-
verters) and also reduce core loss. Lower inductor values
are chosen to reduce physical size and improve transient
response but do increase output ripple.
Like the boost converter, the input current of the positive-
to-negative converter is calculated at full load current.
Peak inductor current can be significantly higher than
output current, especially with smaller inductors (with
high
∆IL values). The following formula assumes continu-
ous mode operation and calculates maximum peak induc-
tor current at minimum VIN:
II
VV
V
V
I
L PEAK
OUT MAX
IN
OUT
D
IN
L
()
( )
=
++
+
∆
2
The ripple current in the inductor (
∆IL) is typically 20% to
50% of the peak inductor current occuring at VIN(MIN) and
IOUT(MAX) to minimize output ripple. Maximum ∆IL occurs
at minimum VIN.
APPLICATIONS INFORMATION
∆I
VV
V
kHz L V
V
V
L
IN
OUT
D
IN
OUT
D
P-P
() =
()
+
()
()( ) ++
()
200
Specify the maximum inductor current to safely handle
IL(PEAK). Make sure the inductor’s saturation current rat-
ing (current when inductance begins to fall) exceeds the
maximum current rating set by RSENSE.
Positive-to-Negative Converter: RSENSE Selection for
Maximum Output Current
RSENSE is chosen based on the required output current.
Remember the LTC1624 current comparator has a maxi-
mum threshold of 160mV/RSENSE. The current compara-
tor threshold sets the peak of the inductor current, yielding
a maximum average output current IOUT(MAX) equal to
IL(PEAK) less half the peak-to-peak ripple current with the
remainder divided by the duty cycle.
Allowing a margin for variations in the LTC1624 (without
considering variation in RSENSE) and assuming 30% ripple
current in the inductor, yields:
R
mV
I
V
VV
V
SENSE
OUT MAX
IN MIN
IN MIN
OUT
D
=
++
()
()
()
100
Positive-to-Negative Converter: Output Diode
The output diode conducts current only during the switch
off-time. Peak reverse voltage for positive-to-negative
converters is equal to
VOUT+ VIN. Average forward
current in normal operation is equal to ID(PEAK) – ∆IL/2.
Peak diode current (occurring at VIN(MIN)) is:
II
VV
V
I
D PEAK
OUT MAX
OUT
D
IN
L
()
( )
=
+
()
+
+
1
2
∆
Positive-to-Negative Converter: Input and
Output Capacitors
The output capacitor is normally chosen by its effective
series resistance (ESR), because this is what determines
output ripple voltage. Both input and output capacitors
need to be sized to handle the ripple current safely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com