Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1624CS8 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1624CS8
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS8 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1624CS8 Datasheet HTML 19Page - Linear Technology LTC1624CS8 Datasheet HTML 20Page - Linear Technology LTC1624CS8 Datasheet HTML 21Page - Linear Technology LTC1624CS8 Datasheet HTML 22Page - Linear Technology LTC1624CS8 Datasheet HTML 23Page - Linear Technology LTC1624CS8 Datasheet HTML 24Page - Linear Technology LTC1624CS8 Datasheet HTML 25Page - Linear Technology LTC1624CS8 Datasheet HTML 26Page - Linear Technology LTC1624CS8 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LTC1624
TYPICAL APPLICATIONS
+
+
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
1000pF
100pF
CC
330pF
RC
4.7k
D1
MBRS130LT3
CB
0.1
µF
8
7
6
5
1
2
3
4
R2
35.7k
1%
R1
3.92k
1%
COUT
100
µF
16V
× 2
M1
Si4412DY
L1a*
L1b*
RSENSE
0.068
Ω
CIN
22
µF
35V
22
µF
35V
VOUT
12V
0.5A
VIN
5V TO 15V
1624 F14
*COILTRONICS CTX20-4
0.1
µF
+
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
1000pF
100pF
CC
470pF
RC
6.8k
D1
MBRS340T3
CB
0.1
µF
8
7
6
5
1
2
3
4
R2
35.7k
1%
R1
20k
1%
COUT
100
µF
10V
× 2
M1
Si6426DQ
L1*
20
µH
RSENSE
0.068
Ω
CIN
22
µF
35V
× 2
VOUT
3.3V
1.5A
VIN
3.5V TO 18V
1624 F16
*COILTRONICS CTX20-4
0.1
µF
Figure 16. Low Dropout 3.3V/1.5A Converter
Figure 14. 12V/0.4A SEPIC Converter
Figure 15. Inverting – 5V/2A Converter
+
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
1000pF
0.1
µF
100pF
CC
1000pF
RC
3.3k
R3
100k
VCC
VCC
SHUTDOWN
D1
MBRS340T3
D2
CMDSH-3
CB
0.1
µF
8
7
6
5
1
2
3
4
R2
78.7k
1%
R1
24.9k
1%
COUT
100
µF
10V
× 2
M2
VN2222
M3
TP0610L
M1
Si4410DY
L1*
33
µH
RSENSE
0.025
Ω
CIN
22
µF
35V
× 2
VOUT
–5V
2A
VIN
5V TO 22V
1624 F15
*COILCRAFT DO5022P-333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com