Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1659CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1659CS8
Description  12-Bit Rail-to-Rail Micropower DAC in MSOP Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1659CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1659CS8 Datasheet HTML 1Page - Linear Technology LTC1659CS8 Datasheet HTML 2Page - Linear Technology LTC1659CS8 Datasheet HTML 3Page - Linear Technology LTC1659CS8 Datasheet HTML 4Page - Linear Technology LTC1659CS8 Datasheet HTML 5Page - Linear Technology LTC1659CS8 Datasheet HTML 6Page - Linear Technology LTC1659CS8 Datasheet HTML 7Page - Linear Technology LTC1659CS8 Datasheet HTML 8Page - Linear Technology LTC1659CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1659
Note 3: Load is 5k
Ω in parallel with 100pF.
Note 4: DAC switched between all 1s and the code corresponding to VOS
for the part.
Note 5: Digital inputs at 0V or VCC.
Note 6: VOUT can only swing from (GND + VOS) to (VCC – VOS) when
output is unloaded.
Note 7: Guaranteed by design. Not subject to test.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: The LTC1659CMS8 is designed, characterized and expected to
meet industrial temperature limits, but is not tested at – 40
°C and 85°C.
Consult factory for guaranteed I-grade MSOP parts. However, these parts
are guaranteed for commercial temperature limits of 0
°C to 70°C.
Note 2: Nonlinearity is defined from code 20 to code 4095 (full scale). See
Applications Information.
VCC = 2.7V to 5.5V, VOUT unloaded, REF ≤ VCC, TA = TMIN to TMAX, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching (VCC = 4.5 to 5.5V)
t1
DIN Valid to CLK Setup
q
40
ns
t2
DIN Valid to CLK Hold
q
0ns
t3
CLK High Time
(Note 7)
q
40
ns
t4
CLK Low Time
(Note 7)
q
40
ns
t5
CS/LD Pulse Width
(Note 7)
q
50
ns
t6
LSB CLK to CS/LD
(Note 7)
q
40
ns
t7
CS/LD Low to CLK
(Note 7)
q
20
ns
t8
DOUT Output Delay
CLOAD = 15pF
q
5
150
ns
t9
CLK Low to CS/LD Low
(Note 7)
q
20
ns
Switching (VCC = 2.7 to 5.5V)
t1
DIN Valid to CLK Setup
q
60
ns
t2
DIN Valid to CLK Hold
q
0ns
t3
CLK High Time
(Note 7)
q
60
ns
t4
CLK Low Time
(Note 7)
q
60
ns
t5
CS/LD Pulse Width
(Note 7)
q
80
ns
t6
LSB CLK to CS/LD
(Note 7)
q
60
ns
t7
CS/LD Low to CLK
(Note 7)
q
30
ns
t8
DOUT Output Delay
CLOAD = 15pF
q
10
220
ns
t9
CLK Low to CS/LD Low
(Note 7)
q
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com