Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1659CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1659CS8
Description  12-Bit Rail-to-Rail Micropower DAC in MSOP Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1659CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1659CS8 Datasheet HTML 2Page - Linear Technology LTC1659CS8 Datasheet HTML 3Page - Linear Technology LTC1659CS8 Datasheet HTML 4Page - Linear Technology LTC1659CS8 Datasheet HTML 5Page - Linear Technology LTC1659CS8 Datasheet HTML 6Page - Linear Technology LTC1659CS8 Datasheet HTML 7Page - Linear Technology LTC1659CS8 Datasheet HTML 8Page - Linear Technology LTC1659CS8 Datasheet HTML 9Page - Linear Technology LTC1659CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1659
PIN FUNCTIONS
CLK (Pin 1): Serial Interface Clock. Internal Schmitt trig-
ger on this input allows direct optocoupler interface.
DIN (Pin 2): Serial Interface Data. Data on the DIN pin is
latched into the shift register on the rising edge of the serial
clock.
CS/LD (Pin 3): Serial Interface Enable and Load Control.
When CS/LD is low the CLK signal is enabled, so the data
can be clocked in. When CS/LD is pulled high, data is
loaded from the shift register into the DAC register,
updating the DAC output and the CLK is disabled
internally.
DOUT (Pin 4): Output of the Shift Register which Becomes
Valid on the Rising Edge of the Serial Clock.
GND (Pin 5): Ground.
REF (Pin 6): Reference Input. This pin can be tied to VCC.
The output will swing from 0V to REF. The typical input
resistance is 28k.
VOUT (Pin 7): Buffered DAC Output.
VCC (Pin 8): Positive Supply Input. 2.7V ≤ VCC ≤ 5.5V.
Requires a bypass capacitor to ground.
I
DAGRA
BLOCK
DAC
REGISTER
LD
12-BIT
SHIFT
REGISTER
POWER-ON
RESET
1659 BD
CLK 1
DIN 2
DOUT 4
VOUT
7
REF
6
GND
5
VCC
8
3
CS/LD
12-BIT
DAC
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com