Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1659CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1659CS8
Description  12-Bit Rail-to-Rail Micropower DAC in MSOP Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1659CS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1659CS8 Datasheet HTML 1Page - Linear Technology LTC1659CS8 Datasheet HTML 2Page - Linear Technology LTC1659CS8 Datasheet HTML 3Page - Linear Technology LTC1659CS8 Datasheet HTML 4Page - Linear Technology LTC1659CS8 Datasheet HTML 5Page - Linear Technology LTC1659CS8 Datasheet HTML 6Page - Linear Technology LTC1659CS8 Datasheet HTML 7Page - Linear Technology LTC1659CS8 Datasheet HTML 8Page - Linear Technology LTC1659CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1659
OUTPUT SINK CURRENT (mA)
0
5
10
15
LTC1659 • TPC03
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
25
°C
–55
°C
125
°C
CODE = ALL ZEROS
VCC = 5V
TEMPERATURE (C)
–55 –35 –15
5
25
45
65
85 105 125
LTC1659 • TPC06
300
290
280
270
260
250
240
230
220
VCC = 5.5V
VCC = 5.0V
VCC = 4.5V
LOGIC INPUT VOLTAGE (V)
012345
LTC1659 • TPC05
2
1.6
1.2
0.8
0.4
0
VCC = 5V
LOAD CURRENT (mA)
0
5
10
15
LTC1659 • TPC04
0.6
0.5
0.4
0.3
0.2
0.1
0
∆ VOUT < 1 LSB
CODE = ALL 1s
VOUT = 4.095V
25
°C
–55
°C
125
°C
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Minimum Output Voltage
vs Output Sink Current
Supply Headroom for
Full Output Swing vs Load Current
Supply Current
vs Logic Input Voltage
Supply Current vs Temperature
CODE
0
512 1824 1536 2048 2560 3072 3584 4095
LTC1659 • TPC01
5
4
3
2
1
0
–1
–2
–3
–4
–5
CODE
0
0.5
0
–0.5
1024
2048 2560
LTC1659 • TPC02
512
1536
3072 3584 4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com