Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1695CS5 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1695CS5
Description  SMBus/I2C Fan Speed Controller in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1695CS5 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1695CS5 Datasheet HTML 10Page - Linear Technology LTC1695CS5 Datasheet HTML 11Page - Linear Technology LTC1695CS5 Datasheet HTML 12Page - Linear Technology LTC1695CS5 Datasheet HTML 13Page - Linear Technology LTC1695CS5 Datasheet HTML 14Page - Linear Technology LTC1695CS5 Datasheet HTML 15Page - Linear Technology LTC1695CS5 Datasheet HTML 16Page - Linear Technology LTC1695CS5 Datasheet HTML 17Page - Linear Technology LTC1695CS5 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC1695
14
Thermal Considerations
The LTC1695’s power handling capability is limited by the
maximum rated junction temperature of 125
°C. Power
dissipation (PDISS) consists of two components:
1. Output current multiplied by the input/output voltage
differential: (ILOAD)(VCC – VOUT), and
2. GND pin current multiplied by the input voltage:
(IGND)(VCC).
PDISS = (ILOAD)(VCC – VOUT) + (IGND)(VCC)
TJ = PDISS • (θJA)
The LTC1695 has active current limiting and thermal
shutdown circuitry for device protection during overload
or fault condition. For continuous overload conditions, do
not exceed the 125
°C maximum junction temperature
TJ(MAX). Give careful consideration to all thermal resis-
tance sources from junction to ambient. Consider any
additional heat sources mounted in proximity to the
LTC1695. This is particularly relevant in applications
where the LTC1695’s output is loaded with a constant
ILOAD and VOUT is dynamically varied via the SMBus. At
lower DAC output voltage codes, the increased input-to-
output differential increases power dissipation if ILOAD
does not decrease.
For the LTC1695’s 5-lead SOT-23 surface mount package,
heat sinking is accomplished by using the heat spreading
capabilities of the PC board and its copper traces (in
particular, the GND pin trace).
The following table lists measured thermal resistance
results for various size boards and copper areas. All
measurements were taken in still air on 3/32" FR-4 board
with one ounce copper.
Table 2. Measured Thermal Resistance (
θθθθθJA)
Topside*
Backside
Board Area
2500mm2
2500mm2
2500mm2
125
°C/W
1000mm2
2500mm2
2500mm2
125
°C/W
225mm2
2500mm2
2500mm2
130
°C/W
100mm2
2500mm2
2500mm2
135
°C/W
50mm2
2500mm2
2500mm2
150
°C/W
*Device is mounted on topside
+
+
+
OP AMP
+
+
CGATE
CNODE
VCC
VOUT
LFAN
CFAN
COUT
ESR
R1
R2
GND
EQUIVALENT
DC FAN CIRCUIT
INTERNAL
DAC
OUTPUT
P1(0.75
Ω)
1695 • F04
Figure 4. Regulator Feedback Loop
capacitance ranges from 2pF to 30pF. As previously
discussed, an output bypass capacitor is required to
stabilize the feedback loop. This output capacitor is in
parallel with the fan’s input capacitance and dominates the
total capacitance. Thus, stability is generally not affected
by the fan’s input capacitance. The output capacitor also
serves to filter the fan’s output ripple during commutation
of the fan’s motor.
POR and UVLO
Under start-up conditions, the LTC1695 performs a power
on reset (POR) function. The digital logic circuitry is
disabled and the regulator is held off. The SMBus com-
mand register (to the DAC’s input) and data register
(current limit and thermal shutdown status) are reset to
zero. The POR signal deactivates if VCC rises above 2.9V
typically. The LTC1695 is then allowed to communicate
with the SMBus host and drive the fan accordingly. Upon
exiting POR, the regulator’s output voltage is set to VZS
(code 0) until programmed by the SMBus host.
The LTC1695 enters UVLO if VCC falls below 2.8V typically.
Between 2.8V and 1V, the digital logic circuitry is disabled,
the command/data registers are cleared and the regulator
is shut down. In general, 100mV of hysteresis exists
between the UVLO and POR thresholds.
APPLICATIONS INFORMATION
Thermal Resistance
(Junction to Ambient)
Copper Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com