Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1695CS5 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1695CS5
Description  SMBus/I2C Fan Speed Controller in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1695CS5 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1695CS5 Datasheet HTML 12Page - Linear Technology LTC1695CS5 Datasheet HTML 13Page - Linear Technology LTC1695CS5 Datasheet HTML 14Page - Linear Technology LTC1695CS5 Datasheet HTML 15Page - Linear Technology LTC1695CS5 Datasheet HTML 16Page - Linear Technology LTC1695CS5 Datasheet HTML 17Page - Linear Technology LTC1695CS5 Datasheet HTML 18Page - Linear Technology LTC1695CS5 Datasheet HTML 19Page - Linear Technology LTC1695CS5 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC1695
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 2000
1695f LT/TP 0400 4K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1120
125mA Low Dropout PNP Linear Regulator with 40
µA
0.6V Dropout Voltage at 125mA
Quiescent Current
LT1121
150mA Low Dropout PNP Linear Regulator with 30
µA
0.5V Dropout Voltage at 150mA, SO8/SOT-223 package
Quiescent Current
LTC1380/LTC1393
Single-Ended 8-Channel/Differential 4-Channel Analog
Low RON: 35Ω Single-Ended/70Ω Differential,
Mux with SMBus Interface
Expandable to 32 Single or 16 Differential Channels
LTC1427-50
Micropower, 10-Bit Current Output DAC
Precision 50
µA ± 2.5% Tolerance Over Temperature,
with SMBus Interface
4 Selectable SMBus Addresses, DAC Powers up at Zero or Midscale
LT1521
300mA Low Dropout PNP Linear Regulator with 12
µA
0.5V Dropout Voltage at 150mA, SO8/SOT-223 Package
Quiescent Current
LTC1623
Dual High Side Switch Controller with SMBus Interface
8 Selectable Addresses/16-Channel Capability
LTC1663
SMBus Interface 10-Bit Rail-to-Rail Micropower DAC
DNL < 0.75LBS Max, 5-Lead SOT-23 Package
LTC1694/LTC1694-1
SMBus Accelerator
Improved SMBus/I2C Rise Time,
Ensures Data Integrity with Multiple SMBus/I2C Devices
LT1761
100mA, Low Noise, LDO Micropower Regulator
0.3V Dropout Voltage at 100mA, SOT-23 Package
LT1762
150mA, Low Noise, LDO Micropower Regulator
0.3V Dropout Voltage at 150mA, MSOP Package
LT1786F
SMBus Controlled CCFL Switching Regulator
1.25A, 200kHz, Floating or Grounded Lamp Configurations
TYPICAL APPLICATION
LED1
R1
100
LED2
R2
100
LED3
R3
100
LED4
R4
100
LED5
R5
100
LED6
R6
100
C2
10
µF
10V
C1
10
µF
6.3V
1
2
34
5
VOUT
SDA
SDA
SCL
SCL
GND
VCC
LTC1695
5V
TO
µC
LED = Hewlett Packard HLMP-CW30
C2 = SPRAGUE 595D106X0010A2T
1695 • TA03a
+
+
OUTPUT VOLTAGE (V)
20
18
16
14
12
10
8
6
4
2
0
1695 • TA03b
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VFS
Output Voltage vs LED Current
SMBus I2C Controlled White LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com