Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1695CS5 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1695CS5
Description  SMBus/I2C Fan Speed Controller in SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1695CS5 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1695CS5 Datasheet HTML 12Page - Linear Technology LTC1695CS5 Datasheet HTML 13Page - Linear Technology LTC1695CS5 Datasheet HTML 14Page - Linear Technology LTC1695CS5 Datasheet HTML 15Page - Linear Technology LTC1695CS5 Datasheet HTML 16Page - Linear Technology LTC1695CS5 Datasheet HTML 17Page - Linear Technology LTC1695CS5 Datasheet HTML 18Page - Linear Technology LTC1695CS5 Datasheet HTML 19Page - Linear Technology LTC1695CS5 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC1695
18
APPLICATIONS INFORMATION
SMBus Command Byte Table (Boost Start Timer Enabled)
DECIMAL
BINARY
HEX
Nominal VOUT(V)
(D5 to D0)
MSB
LSB
(D7 set to 0)
LOAD = 1mA
0
X1000000
40
0.000
1
X1000001
41
0.078
2
X1000010
42
0.156
3
X1000011
43
0.234
4
X1000100
44
0.313
5
X1000101
45
0.391
6
X1000110
46
0.469
7
X1000111
47
0.547
8
X1001000
48
0.625
9
X1001001
49
0.703
10
X1001010
4A
0.781
11
X1001011
4B
0.859
12
X1001100
4C
0.938
13
X1001101
4D
1.016
14
X1001110
4E
1.094
15
X1001111
4F
1.172
16
X1010000
50
1.250
17
X1010001
51
1.328
18
X1010010
52
1.406
19
X1010011
53
1.484
20
X1010100
54
1.563
21
X1010101
55
1.641
22
X1010110
56
1.719
23
X1010111
57
1.797
24
X1011000
58
1.875
25
X1011001
59
1.953
26
X1011010
5A
2.031
27
X1011011
5B
2.109
28
X1011100
5C
2.188
29
X1011101
5D
2.266
30
X1011110
5E
2.344
31
X1011111
5F
2.422
D6 = 1 enables the boost start timer.
D7 = X = don’t care
DECIMAL
BINARY
HEX
Nominal VOUT(V)
(D5 to D0)
MSB
LSB
(D7 set to 0)
ILOAD = 1mA
32
X1100000
60
2.500
33
X1100001
61
2.578
34
X1100010
62
2.656
35
X1100011
63
2.734
36
X1100100
64
2.813
37
X1100101
65
2.891
38
X1100110
66
2.969
39
X1100111
67
3.047
40
X1101000
68
3.125
41
X1101001
69
3.203
42
X1101010
6A
3.281
43
X1101011
6B
3.359
44
X1101100
6C
3.438
45
X1101101
6D
3.516
46
X1101110
6E
3.594
47
X1101111
6F
3.672
48
X1110000
70
3.750
49
X1110001
71
3.828
50
X1110010
72
3.906
51
X1110011
73
3.984
52
X1110100
74
4.063
53
X1110101
75
4.141
54
X1110110
76
4.219
55
X1110111
77
4.297
56
X1111000
78
4.375
57
X1111001
79
4.453
58
X1111010
7A
4.531
59
X1111011
7B
4.609
60
X1111100
7C
4.688
61
X1111101
7D
4.766
62
X1111110
7E
4.844
63
X1111111
7F
4.922
D6 = 1 enables the boost start timer.
D7 = X = don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com