Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1775 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1775
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775 Datasheet(HTML) 2 Page - Linear Technology

  LTC1775 Datasheet HTML 1Page - Linear Technology LTC1775 Datasheet HTML 2Page - Linear Technology LTC1775 Datasheet HTML 3Page - Linear Technology LTC1775 Datasheet HTML 4Page - Linear Technology LTC1775 Datasheet HTML 5Page - Linear Technology LTC1775 Datasheet HTML 6Page - Linear Technology LTC1775 Datasheet HTML 7Page - Linear Technology LTC1775 Datasheet HTML 8Page - Linear Technology LTC1775 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1775
(Note 1)
Input Supply Voltage (VIN, TK) ................. 36V to –0.3V
Boosted Supply Voltage (BOOST) ............. 42V to – 0.3V
Boosted Driver Voltage (BOOST – SW) ...... 7V to – 0.3V
Switch Voltage (SW) ....................................36V to – 5V
EXTVCC Voltage ...........................................7V to –0.3V
ITH Voltage ................................................2.7V to –0.3V
FCB, RUN/SS, SYNC Voltages .....................7V to – 0.3V
VOSENSE, VPROG Voltages ........(INTVCC + 0.3V) to –0.3V
Peak Driver Output Current < 10
µs (TG, BG) ............ 2A
INTVCC Output Current ........................................ 50mA
Operating Ambient Temperature Range
LTC1775C .............................................. 0
°C to 70°C
LTC1775I (Note 5) .............................. – 40
°C to 85°C
Junction Temperature (Note 2) ............................. 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
IINVOSENSE
Feedback Current
VPROG Pin Open, ITH = 1.19V (Note 3)
10
50
nA
VOUT
Regulated Output Voltage
ITH = 1.19V (Note 3)
1.19V (Adjustable) Selected
VPROG Pin Open
q
1.178
1.190
1.202
V
3.3V Selected
VPROG = 0V
q
3.220
3.300
3.380
V
5V Selected
VPROG = INTVCC
q
4.900
5.000
5.100
V
VLINEREG
Reference Voltage Line Regulation
VIN = 4V to 20V, ITH = 1.19V (Note 3),
0.001
0.01
%/V
VPROG Pin Open
VLOADREG
Output Voltage Load Regulation
ITH = 2V (Note 3)
q
– 0.020
– 0.2
%
ITH = 0.5V (Note 3)
q
0.035
0.2
%
VFCB
Forced Continuous Threshold
VFCB Ramping Negative
q
1.16
1.19
1.22
V
IFCB
Forced Continuous Bias Current
VFCB = 1.19V
– 1
– 2
µA
VOVL
Output Overvoltage Lockout
VPROG Pin Open
1.24
1.28
1.32
V
IPROG
VPROG Input Current
3.3V VOUT
VPROG = 0V
– 3.5
– 7
µA
5V VOUT
VPROG = 5V
3.5
7
µA
IQ
Input DC Supply Current
Normal Mode
EXTVCC = 5V (Note 4)
500
µA
Shutdown
VRUN/SS = 0V, 4V < VIN < 15V
15
30
µA
VRUN/SS
RUN/SS Pin Threshold
q
0.8
1.4
2
V
IRUN/SS
Soft Start Current Source
VRUN/SS = 0V
–1.2
–2.5
–4
µA
∆VSENSE(MAX) Maximum Current Sense Threshold
VOSENSE = 1V, VPROG Pin Open
260
300
340
mV
ORDER PART
NUMBER
LTC1775CGN
LTC1775CS
LTC1775IGN
LTC1775IS
Consult factory for Military grade parts.
TJMAX = 125°C, θJA = 130°C/W (GN)
TJMAX = 125°C, θJA = 110°C/W (S)
The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 15V unless otherwise noted.
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
GN PACKAGE
16-LEAD NARROW
PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EXTVCC
SYNC
RUN/SS
FCB
ITH
SGND
VOSENSE
VPROG
VIN
TK
SW
TG
BOOST
INTVCC
BG
PGND
GN PART MARKING
1775
1775I
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com