Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1775 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1775
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1775 Datasheet HTML 16Page - Linear Technology LTC1775 Datasheet HTML 17Page - Linear Technology LTC1775 Datasheet HTML 18Page - Linear Technology LTC1775 Datasheet HTML 19Page - Linear Technology LTC1775 Datasheet HTML 20Page - Linear Technology LTC1775 Datasheet HTML 21Page - Linear Technology LTC1775 Datasheet HTML 22Page - Linear Technology LTC1775 Datasheet HTML 23Page - Linear Technology LTC1775 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1775
–5V/2.5A Positive to Negative Converter
+
CSS
0.1
µF
RC
20k
CC1
2.2nF
CC2
220pF
CIN
22
µF
50V
×2
VIN
6V TO 18V
VOUT
12V
M2
Si4410DY
D1
MBRS340
M1
Si4410DY
CVCC
4.7
µF
1775 TA05
OPEN
CB
0.33
µF
DB
CMDSH-3
L1
13
µH
CIN: UNITED CHEMICON THCR70E1H226ZT-CBU
COUT: SANYO 165A-150M
L1: 13
µH/11A
+
CF
0.1
µF
RF
1
Ω
COUT
150
µF
16V
×2
+
VIN
TK
EXTVCC
LTC1775
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R1
11k
R2
100k
IOUT
2.6
4.0
4.8
VIN
6.0
12
18
D2
MBRD835L
M3
Si4410DY
12V Output, Single Inductor, Buck/Boost Converter
CIN: SANYO 16SV220M
COUT: SANYO 6SP680M
L1: 12
µH, 5A
CSS
0.1
µF
RC
10k
CC1
2.2nF
VIN
5V TO 10V
VOUT
–5V
2.5A
1775 TA04
DB
CMDSH-3
M2
Si4412DY
L1
12
µH
CVCC
4.7
µF
CIN
220
µF
16V
+
+
COUT
680
µF
6.3V
+
D1
MBR140T3
VIN
TK
EXTVCC
LTC1775
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CC2
220pF
CF
0.1
µF
M1
Si4412DY
CB
0.22
µF
RF
1
Ω
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com