Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1775 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1775
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775 Datasheet(HTML) 3 Page - Linear Technology

  LTC1775 Datasheet HTML 1Page - Linear Technology LTC1775 Datasheet HTML 2Page - Linear Technology LTC1775 Datasheet HTML 3Page - Linear Technology LTC1775 Datasheet HTML 4Page - Linear Technology LTC1775 Datasheet HTML 5Page - Linear Technology LTC1775 Datasheet HTML 6Page - Linear Technology LTC1775 Datasheet HTML 7Page - Linear Technology LTC1775 Datasheet HTML 8Page - Linear Technology LTC1775 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1775
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC1775CGN/LTC1775IGN: TJ = TA + (PD • 130°C/W)
LTC1775CS/LTC1775IS: TJ = TA + (PD • 110°C/W)
Note 3: The LTC1775 is tested in a feedback loop that adjusts VOSENSE to
achieve a specified error amplifier output voltage (ITH).
Note 4: Typical in application circuit with EXTVCC tied to VOUT = 5V,
IOUT = 0A and FCB = INTVCC. Dynamic supply current is higher due
to the gate charge being delivered at the switching frequency. See
Applications Information.
Note 5: Minimum input supply voltage is 4.3V at – 40
°C for industrial
grade parts.
Note 6: Rise and fall times are measured at 10% to 90% levels.
The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 15V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TG Transition Time
(Note 6)
TG tR
Rise Time
CLOAD = 3300pF
50
150
ns
TG tF
Fall Time
CLOAD = 3300pF
50
150
ns
BG Transition Time
(Note 6)
BG tR
Rise Time
CLOAD = 3300pF
50
150
ns
BG tF
Fall Time
CLOAD = 3300pF
50
150
ns
Internal VCC Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
q
5.0
5.2
5.4
V
VLDOINT
INTVCC Load Regulation
ICC = 20mA, VEXTVCC = 4V
– 0.2
– 1
%
VLDOEXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V
180
300
mV
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, VEXTVCC Ramping Positive
q
4.5
4.7
V
Oscillator
fOSC
Oscillator Freqency
SYNC = 0V
135
150
165
kHz
fH/fOSC
Maximum Synchronized Frequency Ratio
1.5
VSYNC
SYNC Pin Threshold (Figure 4)
Ramping Positive
0.9
1.2
V
RSYNC
SYNC Pin Input Resistance
50
k
Ω
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com