Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1775CS Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1775CS
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1775CS Datasheet HTML 14Page - Linear Technology LTC1775CS Datasheet HTML 15Page - Linear Technology LTC1775CS Datasheet HTML 16Page - Linear Technology LTC1775CS Datasheet HTML 17Page - Linear Technology LTC1775CS Datasheet HTML 18Page - Linear Technology LTC1775CS Datasheet HTML 19Page - Linear Technology LTC1775CS Datasheet HTML 20Page - Linear Technology LTC1775CS Datasheet HTML 21Page - Linear Technology LTC1775CS Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC1775
Design Example
As a design example, take a supply with the following
specifications: VIN = 6V to 22V (15V nominal), VOUT = 5V,
IO(MAX) = 10A. The required RDS(ON) can immediately be
estimated:
R
mV
A
DS ON
()
()( . )
.
==
Ω
240
10
1 3
0 018
A 0.019
Ω Siliconix SUD50N03-10 MOSFET (θJA =
30
°C/W) is close to this value.
For 40% ripple current at maximum VIN the inductor
should be:
L
V
kHz
A
V
V
H
≥


=µ
5
150
0 4 10
1
5
22
64
(
)( . )(
)
–.
Choosing a Magnetics 55380-A2 core with 8 turns of 15
gauge wire yields a 6
µH inductor. The resulting maximum
ripple current will be:
∆I
V
kHz
H
V
V
A
LMAX
()
()(
)
–.
=
µ


=
5
150
6
1
5
22
43
Next, check that the minimum value of the current limit is
acceptable. Assume a junction temperature about 20
°C
above the 70
°C ambient with ρ90°C = 1.3.
I
mV
AA
LIMIT ≥
Ω


=
300
0019
13
1
2
43
10
(.
)( . )
–.
Now double-check the assumed TJ:
P
V
V
A
V
A
pF
kHz
WW
mW
TOP =
() ( )
Ω
()+
( )() ()( )(
)
=+
=
5
22
10
1 3 0 019
1 7 22
10
170
150
056
0 21
077
2
2
..
.
..
.
TJ = 70°C + (0.77W)(30°C/W) = 93°C
Since
ρ(93°C) ≅ ρ(90°C), the solution is self-consistent.
Automotive Considerations: Plugging into the
Cigarette Lighter
As battery-powered devices go mobile, there is a natural
interest in plugging into the cigarette lighter in order to
conserve or even recharge battery packs during opera-
tion. But before you connect, be advised: you are plug-
ging into the supply from hell. The main power line in an
automobile is the source of a number of nasty potential
transients, including load dump, reverse and double
battery.
Load dump is the result of a loose battery cable. When the
cable breaks connection, the field collapse in the alternator
can cause a positive spike as high as 60V which takes
several hundred milliseconds to decay. Reverse battery is
just what it says, while double battery is a consequence of
tow truck operators finding that a 24V jump start cranks
cold engines faster than 12V.
The network shown in Figure 10 is the most straightfor-
ward approach to protect a DC/DC converter from the
ravages of an automotive power line. The series diode
prevents current from flowing during reverse battery,
while the transient suppressor clamps the input voltage
during load dump. Note that the transient suppressor
should not conduct during double-battery operation, but
must still clamp the input voltage below breakdown of the
converter. Although the LTC1775 has a maximum input
voltage of 36V, most applications will be limited to 30V by
the MOSFET V(BR)DSS.
Figure 10. Automotive Application Protection
VIN
TRANSIENT VOLTAGE
SUPPRESSOR
GENERAL INSTRUMENT
1.5KA24A
12V
LTC1775
50A IPK
RATING
1775 F10
PGND
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com