Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1775CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1775CS
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1775CS Datasheet HTML 3Page - Linear Technology LTC1775CS Datasheet HTML 4Page - Linear Technology LTC1775CS Datasheet HTML 5Page - Linear Technology LTC1775CS Datasheet HTML 6Page - Linear Technology LTC1775CS Datasheet HTML 7Page - Linear Technology LTC1775CS Datasheet HTML 8Page - Linear Technology LTC1775CS Datasheet HTML 9Page - Linear Technology LTC1775CS Datasheet HTML 10Page - Linear Technology LTC1775CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1775
+
INTVCC
CVCC
+
CIN
M2
VIN
16
EXTVCC
INTVCC
FCB
1
4
VPROG
8
SGND
6
RUN/SS
VIN
3
BG
10
PGND
4.7V
1.19V
CSS
1
µA
L1
1775 BD
9
BOOST
VIN
CB
M1
DB
12
TK
REV
15
SYNC
2
TG
13
SW
14
SWITCH
LOGIC/
DROPOUT
COUNTER
–
+
–
+
–
+
TA
×5.5
BA
×5.5
I2
1.19V
REF
FCNT
OVERVOLTAGE
SHUTDOWN
TOP
0.6V
5.2V
LDO REG
1.28V
1.19V
VFB
–
+
+
COUT
VOUT
3
µA
6V
0.6V
gm = 1m
CL
VOSENSE
7
+ –
0.7V
0.95V
ITH
5
CC1
RC
SLEEP
0.5V
ITHB
I1
S
OSC
Q
R
B
+ –
F
OV
EA
11
INTVCC
INTVCC
FU CTIO AL DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com