Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1775CS Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1775CS
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775CS Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1775CS Datasheet HTML 16Page - Linear Technology LTC1775CS Datasheet HTML 17Page - Linear Technology LTC1775CS Datasheet HTML 18Page - Linear Technology LTC1775CS Datasheet HTML 19Page - Linear Technology LTC1775CS Datasheet HTML 20Page - Linear Technology LTC1775CS Datasheet HTML 21Page - Linear Technology LTC1775CS Datasheet HTML 22Page - Linear Technology LTC1775CS Datasheet HTML 23Page - Linear Technology LTC1775CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LTC1775
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1775. These items are also illustrated graphically in
the layout diagram of Figure 12. Check the following in
your layout:
1) Connect the TK lead directly to the drain of the topside
MOSFET. Then connect the drain to the (+) plate of CIN.
This capacitor provides the AC current to the top
MOSFET.
2) The power ground pin connects directly to the source of
the bottom N-channel MOSFET. Then connect the source
to the anode of the Schottky diode (if used) and (–) plate
of CIN, which should have as short lead lengths as
possible.
3) The LTC1775 signal ground pin should connect to the
(–) plate of COUT. Connect the (–) plate of COUT to power
ground at the source of the bottom MOSFET. All small-
signal components (R2, CSS, CC, etc.) should return
directly to SGND.
Figure 12. LTC1775 Layout Diagram
+
+
CSS
OPTIONAL 5V EXTVCC
CONNECTION
M1
M2
D1
CVCC
BOLD LINES INDICATE HIGH CURRENT PATHS
1775 F12
CIN
COUT
VIN
VOUT
INTVCC
OPEN
EXT
CLK
R1
OUTPUT DIVIDER
REQUIRED
WITH VPROG OPEN
R2
CC1
RC
CB
DB
L1
LTRACE
+
+
–
–
VIN
TK
EXTVCC
LTC1775
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
2
1
3
4
5
6
7
8
16
15
14
13
12
11
10
9
4) Keep the switch node SW away from sensitive small-
signal nodes. Ideally the switch node should be placed
on the opposite side of the power MOSFETs from the
LTC1775.
5) Connect the INTVCC decoupling capacitor CVCC closely
to the INTVCC pin and the power ground pin. This
capacitor carries the MOSFET gate drive current.
6) Does the VOSENSE pin connect as close as possible to
the load? In adjustable applications, the resistive di-
vider (R1, R2) must be connected between the load and
signal ground. Place the divider near the LTC1775 in
order to keep the high impedance VOSENSE node short.
7) For applications with multiple switching power con-
verters connected to the same VIN, ensure that the input
filter capacitance for the LTC1775 is not shared with the
other converters. AC input current from another con-
verter will cause substantial input voltage ripple that
may interfere with proper operation of the LTC1775. A
few inches of PC trace or wire (LTRACE ≈ 100nH)
between CIN and the VIN supply is sufficient to prevent
sharing.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com