Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2402C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2402C
Description  1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402C Datasheet(HTML) 2 Page - Linear Technology

  LTC2402C Datasheet HTML 1Page - Linear Technology LTC2402C Datasheet HTML 2Page - Linear Technology LTC2402C Datasheet HTML 3Page - Linear Technology LTC2402C Datasheet HTML 4Page - Linear Technology LTC2402C Datasheet HTML 5Page - Linear Technology LTC2402C Datasheet HTML 6Page - Linear Technology LTC2402C Datasheet HTML 7Page - Linear Technology LTC2402C Datasheet HTML 8Page - Linear Technology LTC2402C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC2401/LTC2402
ORDER PART NUMBER
Consult factory for Military grade parts.
(Notes 1, 2)
Supply Voltage (VCC) to GND.......................– 0.3V to 7V
Analog Input Voltage to GND ....... – 0.3V to (VCC + 0.3V)
Reference Input Voltage to GND .. – 0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ........ – 0.3V to (VCC + 0.3V)
Digital Output Voltage to GND ..... – 0.3V to (VCC + 0.3V)
TJMAX = 125°C, θJA = 130°C/W
LTC2401CMS
LTC2401IMS
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
1
2
3
4
5
VCC
FSSET
CH1
CH0
ZSSET
10
9
8
7
6
FO
SCK
SDO
CS
GND
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
Operating Temperature Range
LTC2401/LTC2402C ................................ 0
°C to 70°C
LTC2401/LTC2402I ............................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART NUMBER
MS10 PART MARKING
LTC2402CMS
LTC2402IMS
LTMD
LTME
MS10 PART MARKING
LTMB
LTMC
TJMAX = 125°C, θJA = 130°C/W
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
q
24
Bits
No Missing Codes Resolution
0.1V
≤ FSSET ≤ VCC, ZSSET = 0V (Note 5)
q
24
Bits
Integral Nonlinearity
FSSET = 2.5V, ZSSET = 0V (Note 6)
q
2
10
ppm of VREF
FSSET = 5V, ZSSET = 0V (Note 6)
q
4
15
ppm of VREF
Offset Error
2.5V
≤ FSSET ≤ VCC, ZSSET = 0V
q
0.5
2
ppm of VREF
Offset Error Drift
2.5V
≤ FSSET ≤ VCC, ZSSET = 0V
0.01
ppm of VREF/°C
Full-Scale Error
2.5V
≤ FSSET ≤ VCC, ZSSET = 0V
q
4
10
ppm of VREF
Full-Scale Error Drift
2.5V
≤ FSSET ≤ VCC, ZSSET = 0V
0.04
ppm of VREF/°C
Total Unadjusted Error
FSSET = 2.5V, ZSSET = 0V
5
ppm of VREF
FSSET = 5V, ZSSET = 0V
10
ppm of VREF
Output Noise
VIN = 0V (Note 13)
3
µVRMS
Normal Mode Rejection 60Hz
±2%
(Note 7)
q
110
130
dB
Normal Mode Rejection 50Hz
±2%
(Note 8)
q
110
130
dB
Power Supply Rejection, DC
FSSET = 2.5V, ZSSET = 0V, VIN = 0V
100
dB
Power Supply Rejection, 60Hz
±2% FSSET = 2.5V, ZSSET = 0V, VIN = 0V, (Note 7)
110
dB
Power Supply Rejection, 50Hz
±2% FSSET = 2.5V, ZSSET = 0V, VIN = 0V, (Note 8)
110
dB
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VREF = FSSET – ZSSET. (Notes 3, 4)
CONVERTER CHARACTERISTICS
1
2
3
4
5
VCC
FSSET
VIN
NC
ZSSET
10
9
8
7
6
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
FO
SCK
SDO
CS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com