Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2402C Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2402C
Description  1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402C Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2402C Datasheet HTML 3Page - Linear Technology LTC2402C Datasheet HTML 4Page - Linear Technology LTC2402C Datasheet HTML 5Page - Linear Technology LTC2402C Datasheet HTML 6Page - Linear Technology LTC2402C Datasheet HTML 7Page - Linear Technology LTC2402C Datasheet HTML 8Page - Linear Technology LTC2402C Datasheet HTML 9Page - Linear Technology LTC2402C Datasheet HTML 10Page - Linear Technology LTC2402C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC2401/LTC2402
APPLICATIO S I FOR ATIO
falling edge of SCK. The final data bit (Bit 0) is shifted out
on the falling edge of the 31st SCK and may be latched on
the rising edge of the 32nd SCK pulse. On the falling edge
of the 32nd SCK pulse, SDO goes HIGH indicating a new
conversion cycle has been initiated. This bit serves as EOC
(Bit 31) for the next conversion cycle. Table 2 summarizes
the output data format.
As long as the voltage on the VIN pin is maintained within
the – 0.3V to (VCC + 0.3V) absolute maximum operating
range, a conversion result is generated for any input value
from – 0.125 • VREF to 1.125 • VREF. For input voltages
greater than 1.125 • VREF, the conversion result is clamped
to the value corresponding to 1.125 • VREF. For input
voltages below – 0.125 • VREF, the conversion result is
clamped to the value corresponding to – 0.125 • VREF.
Single Ended Half-Bridge Digitizer
with Reference and Ground Sensing
Sensors convert real world phenomena (temperature,
pressure, gas levels, etc.) into a voltage. Typically, this
voltage is generated by passing an excitation current
Table 2. LTC2401/LTC2402 Output Data Format
Bit 31
Bit 30
Bit 29
Bit 28
Bit 27
Bit 26
Bit 25
Bit 24
Bit 23
…
Bit 4
Bit 3-0
Input Voltage
EOC
CH SELECT
SIG
EXR
MSB
LSB
SUB LSBs*
VIN > 9/8 • VREF
0
CH0/CH1
1100
0
11...
1
X
9/8 • VREF
0
CH0/CH1
1100
0
11...
1
X
VREF + 1LSB
0
CH0/CH1
1100
0
00...
0
X
VREF
0
CH0/CH1
1011
1
11...
1
X
3/4VREF + 1LSB
0
CH0/CH1
1011
0
00...
0
X
3/4VREF
0
CH0/CH1
1010
1
11...
1
X
1/2VREF + 1LSB
0
CH0/CH1
1010
0
00...
0
X
1/2VREF
0
CH0/CH1
1001
1
11...
1
X
1/4VREF + 1LSB
0
CH0/CH1
1001
0
00...
0
X
1/4VREF
0
CH0/CH1
1000
1
11...
1
X
0+/0–
0
CH0/CH1
1/0**
0
0
0
0
0
0
...
0
X
–1LSB
0
CH0/CH1
0111
1
11...
1
X
–1/8 • VREF
0
CH0/CH1
0111
1
00...
0
X
VIN < –1/8 • VREF
0
CH0/CH1
0111
1
00...
0
X
*The sub LSBs are valid conversion results beyond the 24-bit level that may be included in averaging or discarded without loss of resolution.
**The sign bit changes state during the 0 code.
VFULL-SCALE ERROR
SENSOR
SENSOR OUTPUT
RP1
IEXCITATION
+
–
VOFFSET ERROR
+
–
+
–
RP2
24012 F02
Figure 2. Errors Due to Excitation Currents
through the sensor. The wires connecting the sensor to the
ADC form parasitic resistors RP1 and RP2. The excitation
current also flows through parasitic resistors RP1 and RP2,
as shown in Figure 2. The voltage drop across these
parasitic resistors leads to systematic offset and full-scale
errors.
In order to eliminate the errors associated with these
parasitic resistors, the LTC2401/LTC2402 include a full-
scale set input (FSSET) and a zero-scale set input
(ZSSET). As shown in Figure 3, the FSSET pin acts as a zero
input full-scale sense input. Errors due to parasitic resis-
tance RP1 in series with the half-bridge sensor are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com