Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2402C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2402C
Description  1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402C Datasheet(HTML) 5 Page - Linear Technology

  LTC2402C Datasheet HTML 1Page - Linear Technology LTC2402C Datasheet HTML 2Page - Linear Technology LTC2402C Datasheet HTML 3Page - Linear Technology LTC2402C Datasheet HTML 4Page - Linear Technology LTC2402C Datasheet HTML 5Page - Linear Technology LTC2402C Datasheet HTML 6Page - Linear Technology LTC2402C Datasheet HTML 7Page - Linear Technology LTC2402C Datasheet HTML 8Page - Linear Technology LTC2402C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC2401/LTC2402
VCC (Pin 1): Positive Supply Voltage. Bypass to GND
(Pin 4) with a 10
µF tantalum capacitor in parallel with
0.1
µF ceramic capacitor as close to the part as possible.
FSSET (Pin 2): Full-Scale Set Input. This pin defines the
full-scale input value. When VIN = FSSET, the ADC outputs
full scale (FFFFFH). The total reference voltage is
FSSET – ZSSET.
CH0, CH1 (Pins 4, 3): Analog Input Channels. The input
voltage range is – 0.125 • VREF to 1.125 • VREF. For
VREF > 2.5V, the input voltage range may be limited by the
absolute maximum rating of – 0.3V to VCC + 0.3V. Conver-
sions are performed alternately between CH0
and CH1 for the LTC2402. Pin 4 is a No Connect (NC) on
the LTC2401.
ZSSET (Pin 5): Zero-Scale Set Input. This pin defines the
zero-scale input value. When VIN = ZSSET, the ADC
outputs zero scale (00000H).
GND (Pin 6): Ground. Shared pin for analog ground,
digital ground, reference ground and signal ground. Should
be connected directly to a ground plane through a mini-
mum length trace or it should be the single-point-ground
in a single-point grounding system.
CS (Pin 7): Active LOW Digital Input. A LOW on this pin
enables the SDO digital output and wakes up the ADC.
Following each conversion, the ADC automatically enters
the Sleep mode and remains in this low power state as
long as CS is HIGH. A LOW on CS wakes up the ADC. A
LOW-to-HIGH transition on this pin disables the SDO
digital output. A LOW-to-HIGH transition on CS during the
Data Output transfer aborts the data transfer and starts a
new conversion.
SDO (Pin 8): Three-State Digital Output. During the data
output period, this pin is used for serial data output. When
the chip select CS is HIGH (CS = VCC), the SDO pin is in a
high impedance state. During the Conversion and Sleep
periods, this pin can be used as a conversion status out-
put. The conversion status can be observed by pulling CS
LOW.
SCK (Pin 9): Bidirectional Digital Clock Pin. In the Internal
Serial Clock Operation mode, SCK is used as digital output
for the internal serial interface clock during the data output
period. In the External Serial Clock Operation mode, SCK
is used as digital input for the external serial interface. An
internal pull-up current source is automatically activated
in Internal Serial Clock Operation mode. The Serial Clock
mode is determined by the level applied to SCK at power
up and the falling edge of CS.
FO (Pin 10): Frequency Control Pin. Digital input that
controls the ADC’s notch frequencies and conversion
time. When the FO pin is connected to VCC (FO = VCC), the
converter uses its internal oscillator and the digital filter’s
first null is located at 50Hz. When the FO pin is connected
to GND (FO = 0V), the converter uses its internal oscillator
and the digital filter’s first null is located at 60Hz. When FO
is driven by an external clock signal with a frequency fEOSC,
the converter uses this signal as its clock and the digital
filter first null is located at a frequency fEOSC/2560.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com