Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC490 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC490
Description  Differential Driver and Receiver Pair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC490 Datasheet(HTML) 3 Page - Linear Technology

  LTC490 Datasheet HTML 1Page - Linear Technology LTC490 Datasheet HTML 2Page - Linear Technology LTC490 Datasheet HTML 3Page - Linear Technology LTC490 Datasheet HTML 4Page - Linear Technology LTC490 Datasheet HTML 5Page - Linear Technology LTC490 Datasheet HTML 6Page - Linear Technology LTC490 Datasheet HTML 7Page - Linear Technology LTC490 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC490
VCC = 5V ±5%
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute maximum ratings are those beyond which the safety of
the device cannot be guaranteed.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: All typicals are given for VCC = 5V and Temperature = 25°C.
S
GC
C
HARA TERISTICS
WITCHI
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
Driver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF (Figures 2, 3)
q
10
30
50
ns
tPHL
Driver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF (Figures 2, 3)
q
10
30
50
ns
tSKEW
Driver Output to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF (Figures 2, 3)
q
5ns
tr, tf
Driver Rise or Fall Time
RDIFF = 54Ω, CL1 = CL2 = 100pF (Figures 2, 3)
q
55
25
ns
tPLH
Receiver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF (Figures 2, 4)
q
40
70
150
ns
tPHL
Receiver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF (Figures 2, 4)
q
40
70
150
ns
tSKD
 tPLH – tPHL Differential Receiver Skew
RDIFF = 54Ω, CL1 = CL2 = 100pF (Figures 2, 4)
q
13
ns
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Driver Output High Voltage vs
Driver Differential Output Voltage
Driver Output Low Voltage vs
Output Current
vs Output Current
Output Current
OUTPUT VOLTAGE (V)
0
0
–24
– 48
–72
–96
12
3
4
LTC490 • TPC01
TA = 25°C
OUTPUT VOLTAGE (V)
0
0
16
32
48
64
12
3
4
LTC490 • TPC02
TA = 25°C
OUTPUT VOLTAGE (V)
0
0
20
40
60
80
12
3
4
LTC490 • TPC03
TA = 25°C
TEMPERATURE (°C )
–50
310
320
330
340
350
0
50
100
LTC490 • TPC06
TEMPERATURE (°C )
–50
1.55
1.57
1.59
1.61
1.63
0
50
100
LTC490 • TPC04
TTL Input Threshold vs
Temperature
Driver Skew vs Temperature
Supply Current vs Temperature
TEMPERATURE (°C )
–50
5
4
3
2
1
0
50
100
LTC490 • TPC05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com