Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC490 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC490
Description  Differential Driver and Receiver Pair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC490 Datasheet(HTML) 7 Page - Linear Technology

  LTC490 Datasheet HTML 1Page - Linear Technology LTC490 Datasheet HTML 2Page - Linear Technology LTC490 Datasheet HTML 3Page - Linear Technology LTC490 Datasheet HTML 4Page - Linear Technology LTC490 Datasheet HTML 5Page - Linear Technology LTC490 Datasheet HTML 6Page - Linear Technology LTC490 Datasheet HTML 7Page - Linear Technology LTC490 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC490
S
APPLICATI
I FOR ATIO
Cable Termination
The proper termination of the cable is very important.
If the cable is not terminated with its characteristic
impedance, distorted waveforms will result. In severe
cases, distorted (false) data and nulls will occur.
A quick look at the output of the driver will tell how well the
cable is terminated. It is best to look at a driver connected
to the end of the cable, since this eliminates the possibility
of getting reflections from two directions. Simply look at
the driver output while transmitting square wave data. If
the cable is terminated properly, the waveform will look
like a square wave (Figure 9). If the cable is loaded
excessively (47
Ω), the signal initially sees the surge
impedance of the cable and jumps to an initial amplitude.
The signal travels down the cable and is reflected back out
of phase because of the mistermination. When the re-
flected signal returns to the driver, the amplitude will be
lowered. The width of the pedestal is equal to twice the
electrical length of the cable (about 1.5ns/foot). If the
cable is lightly loaded (470
Ω), the signal reflects in phase
and increases the amplitude at the driver output. An input
frequency of 30kHz is adequate for tests out to 4000 feet
of cable.
Rt
DRIVER
DX
RECEIVER
RX
Rt = 120
Ω
Rt = 47
Ω
Rt = 470
Ω
LTC490 • TA10
PROBE HERE
Figure 9. Termination Effects
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
AC Cable Termination
Cable termination resistors are necessary to prevent un-
wanted reflections, but they consume power. The typical
differential output voltage of the driver is 2V when the
cable is terminated with two 120
Ω resistors, causing
33mA of DC current to flow in the cable when no data is
being sent. This DC current is about 60 times greater than
the supply current of the LTC490. One way to eliminate the
unwanted current is by AC coupling the termination resis-
tors as shown in Figure 10.
LTC490 • TA11
120
Ω
RECEIVER
RX
C
C = LINE LENGTH (FT)
× 16.3pF
Figure 10. AC Coupled Termination
The coupling capacitor must allow high frequency energy
to flow to the termination, but block DC and low frequen-
cies. The dividing line between high and low frequency
depends on the length of the cable. The coupling capacitor
must pass frequencies above the point where the line
represents an electrical one-tenth wavelength. The value
of the coupling capacitor should therefore be set at 16.3pF
per foot of cable length for 120
Ω cables.
With the coupling capacitors in place, power is consumed
only on the signal edges, and not when the driver output
is idling at a 1 or 0 state. A 100nF capacitor is adequate for
lines up to 4000 feet in length. Be aware that the power
savings start to decrease once the data rate surpasses
1/(120
Ω × C).
Fault Protection
All of LTC’s RS485 products are protected against ESD
transients up to 2kV using the human body model (100pF,
1.5k
Ω). However, some applications need more
protection. The best protection method is to connect a
bidirectional TransZorb
® from each line side pin to ground
(Figure 11). A TransZorb
® is a silicon transient voltage
TransZorb
® is a registered trademark of General Instruments, GSI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com