Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC490 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC490
Description  Differential Driver and Receiver Pair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC490 Datasheet(HTML) 4 Page - Linear Technology

  LTC490 Datasheet HTML 1Page - Linear Technology LTC490 Datasheet HTML 2Page - Linear Technology LTC490 Datasheet HTML 3Page - Linear Technology LTC490 Datasheet HTML 4Page - Linear Technology LTC490 Datasheet HTML 5Page - Linear Technology LTC490 Datasheet HTML 6Page - Linear Technology LTC490 Datasheet HTML 7Page - Linear Technology LTC490 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC490
4
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
PI
FU C
S
TI
VCC (Pin 1): Positive Supply; 4.75V ≤ VCC ≤ 5.25V.
R (Pin 2): Receiver Output. If A > B by 200mV, R will be
high. If A < B by 200mV, then R will be low.
D (Pin 3): Driver Input. A low on D forces the driver outputs
A low and B high. A high on D will force A high and B low.
GND (Pin 4): Ground Connection.
Y (Pin 5): Driver Output.
Z (Pin 6): Driver Output.
B (Pin 7): Receiver Input.
A (Pin 8): Receiver Input.
Driver Differential Output Voltage
Receiver
tPLH-tPHL vs
Receiver Output Low Voltage vs
vs Temperature
Temperature
Temperature
TEMPERATURE (°C )
–50
1.5
1.7
1.9
2.1
2.3
0
50
100
LTC490 • TPC07
RO = 54Ω
TEMPERATURE (°C )
–50
7
6
5
4
3
0
50
100
LTC490 • TPC08
TEMPERATURE (°C )
–50
0
0.2
0.4
0.6
0.8
0
50
100
LTC490 • TPC09
I = 8mA
TEST CIRCUITS
Figure 1. Driver DC Test Load
LTC490 • TA03
DRIVER
D
Y
Z
RECEIVER
RDIFF
A
B
15pF
CL1
CL2
R
Figure 2. Driver/Receiver Timing Test Circuit
LTC490 • TA02
Y
Z
R
R
VOD2
VOC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com