Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC660 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC660
Description  100mA CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC660 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC660 Datasheet HTML 4Page - Linear Technology LTC660 Datasheet HTML 5Page - Linear Technology LTC660 Datasheet HTML 6Page - Linear Technology LTC660 Datasheet HTML 7Page - Linear Technology LTC660 Datasheet HTML 8Page - Linear Technology LTC660 Datasheet HTML 9Page - Linear Technology LTC660 Datasheet HTML 10Page - Linear Technology LTC660 Datasheet HTML 11Page - Linear Technology LTC660 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC660
TYPICAL APPLICATIONS N
8
7
6
5
4
3
2
1
C1
150
µF
+VB/2 (4.5V)
LTC1046 • TA10
C2
150
µF
OUTPUT COMMON
–VB/2 (–4.5V)
VB
(9V)
3V
≤ V
B ≤ 11V
LTC660
+
Figure 10. Battery Splitter
Paralleling for Lower Output Resistance
Additional flexibility of the LTC660 is shown in Figures 11
and 12. Figure 11 shows two LTC660s connected in
parallel to provide a lower effective output resistance. If,
however, the output resistance is dominated by 1/fC1,
increasing the capacitor size (C1) or increasing the fre-
quency will be of more benefit than the paralleling circuit
shown.
Stacking for Higher Voltage
Figure 12 makes use of “stacking” two LTC660s to provide
even higher voltages. In Figure 12, a negative voltage
doubler or tripler can be achieved depending upon how
Pin 8 of the second LTC660 is connected, as shown
schematically by the switch.
Figure 12. Stacking for High Voltage
8
7
6
5
4
3
2
1
150
µF
V+
LTC660 • F12
150
µF
150
µF
VOUT
–V+
150
µF
FOR VOUT = –2V
+
FOR VOUT = –3V
+
LTC660
1
8
7
6
5
4
3
2
1
LTC660
2
+
8
7
6
5
4
3
2
1
C1
150
µF
V+
LTC660 • F11
8
7
6
5
4
3
2
1
C1
150
µF
C2
150
µF
VOUT = –V
+
1/4 CD4077
OPTIONAL SYNCHRONIZATION
CIRCUIT TO MINIMIZE RIPPLE
LTC660
LTC660
+
+
Figure 11. Paralleling for 200mA Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com