Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC660 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC660
Description  100mA CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC660 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC660 Datasheet HTML 2Page - Linear Technology LTC660 Datasheet HTML 3Page - Linear Technology LTC660 Datasheet HTML 4Page - Linear Technology LTC660 Datasheet HTML 5Page - Linear Technology LTC660 Datasheet HTML 6Page - Linear Technology LTC660 Datasheet HTML 7Page - Linear Technology LTC660 Datasheet HTML 8Page - Linear Technology LTC660 Datasheet HTML 9Page - Linear Technology LTC660 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC660
APPLICATIONS INFORMATION
Theory of Operation
To understand the theory of operation for the LTC660, a
review of a basic switched-capacitor building block is
helpful. In Figure 2, when the switch is in the left position,
capacitor C1 will charge to voltage V1. The total charge on
C1 will be q1 = C1V1. The switch then moves to the right,
discharging C1 to voltage V2. After this discharging time,
the charge on C1 is q2 = C1V2. Note that charge has been
transferred from the source V1 to the output V2. The
amount of charge transferred is:
∆q = q1 – q2 = C1 (V1 – V2)
If the switch is cycled “f” times per second, the charge
transfer per unit time (i.e., current) is:
I = f •
∆q = f • C1 (V1 – V2)
Rewriting in terms of voltage and impedance equivalence,
I
VV
fC
VV
REQUIV
=
−
=
−
12
11
12
/
A new variable REQUIV has been defined such that
REQUIV=1/fC1.Thus,theequivalentcircuitfortheswitched-
capacitor network is as shown in Figure 3.
Figure 4 shows that the LTC660 has the same switching
action as the basic switched-capacitor building block.
Figure 2. Switched-Capacitor Building Block
Figure 3. Switched-Capacitor Equivalent Circuit
LTC660 • F04
CAP+
(2)
CAP–
(4)
GND
(3)
VOUT
(5)
V+
(8)
LV
(6)
4.5
×
(1)
OSC
(7)
OSC
+2
CLOSED WHEN
V+ > 3.0V
C1
C2
BOOST
SW1
SW2
φ
φ
+
Figure 4. LTC660 Switched-Capacitor Voltage Converter
Block Diagram
This simplified circuit does not include finite on-resistance
of the switches and output voltage ripple, however, it does
give an intuitive feel for how the device works. For ex-
ample, if you examine power conversion efficiency as a
function of frequency this simple theory will explain how
the LTC660 behaves. The loss and hence the efficiency is
set by the output impedance. As frequency is decreased,
the output impedance will eventually be dominated by the
1/fC1 term and voltage losses will rise decreasing the
efficiency. As the frequency increases the quiescent cur-
rent increases. At high frequency this current loss be-
comes significant and the power efficiency starts to de-
crease.
The LTC660 oscillator frequency is designed to run where
the voltage loss is a minimum. With the external 150
µF
capacitors the effective output impedance is determined
by the internal switch resistances and the capacitor ESRs.
LV (Pin 6)
The internal logic of the LTC660 runs between V+ and LV
(Pin 6). For V+
≥3V,aninternalswitchshortsLVtoground
(Pin 3). For V+ < 3V, the LV pin should be tied to ground.
For V+
≥3V,theLVpincanbetiedtogroundorleftfloating.
OSC (Pin 7) and BOOST (Pin 1)
The switching frequency can be raised, lowered or driven
from an external source. Figure 5 shows a functional
diagram of the oscillator circuit.
C1
C2
V2
660 F02
V1
RL
C2
V2
660 F03
V1
RL
REQUIV
REQUIV =
1
fC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com