Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC660 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC660
Description  100mA CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC660 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC660 Datasheet HTML 3Page - Linear Technology LTC660 Datasheet HTML 4Page - Linear Technology LTC660 Datasheet HTML 5Page - Linear Technology LTC660 Datasheet HTML 6Page - Linear Technology LTC660 Datasheet HTML 7Page - Linear Technology LTC660 Datasheet HTML 8Page - Linear Technology LTC660 Datasheet HTML 9Page - Linear Technology LTC660 Datasheet HTML 10Page - Linear Technology LTC660 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC660
APPLICATIONS INFORMATION
Figure 5. Oscillator
OSC
(7)
LTC660 • F05
LV
(6)
BOOST
(1)
∼18pF
I
I
7.0I
7.0I
V+
SCHMITT
TRIGGER
Figure 6. External Clocking
Capacitor Selection
While the exact values of C1 and C2 are noncritical, good
quality, low ESR capacitors are necessary to minimize
voltage losses at high currents. For C1 the effect of the ESR
of the capacitor will be multiplied by four, due to the fact
the switch currents are approximately two times higher
than the output current and losses will occur on both the
charge and discharge cycle. This means using a capacitor
with 1
Ω of ESR for C1 will have the same effect as
increasing the output impedance of the LTC660 by 4
Ω.
This represents a significant increase in the voltage losses.
For C2 the effect of ESR is less dramatic. A C2 with 1
Ω of
ESR will increase the output impedance by 1
Ω. The size
of C2 and the load current will determine the output
voltage ripple. It is alternately charged and discharged at
a current approximately equal to the output current. This
will cause a step function to occur in the output voltage at
the switch transitions. For example, for a switching fre-
quency of 5kHz (one-half the nominal 10kHz oscillator
frequency) and C2 = 150
µF with an ESR of 0.2Ω, ripple is
approximately 90mV with a 100mA load current.
By connecting the BOOST pin (Pin 1) to V+, the charge and
discharge current is increased and, hence, the frequency
is increased by approximately four and a half times.
Increasing the frequency will decrease output impedance
and ripple for high load currents.
Loading Pin 7 with more capacitance will lower the fre-
quency. Using the BOOST (Pin 1) in conjunction with
external capacitance on Pin 7 allows user selection of the
frequency over a wide range.
Driving the LTC660 from an external frequency source can
be easily achieved by driving Pin 7 and leaving the BOOST
pin open, as shown in Figure 6. The output current from
Pin 7 is small, typically 1.1
µA to 8µA, so a logic gate is
capable of driving this current. (A CMOS logic gate can be
used to drive the OSC pin.) For 5V applications, a TTL logic
gate can be used by simply adding an external pull-up
resistor (see Figure 6).
8
7
6
5
4
3
2
1
C1
C2
–(V+)
V+
100k
REQUIRED FOR TTL LOGIC
LTC660 • F06
NC
OSC INPUT
LTC660
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com