Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847CDLP Datasheet(PDF) 5 Page - Diodes Incorporated

Part # BC847CDLP
Description  45V DUAL NPN SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847CDLP Datasheet(HTML) 5 Page - Diodes Incorporated

  BC847CDLP_15 Datasheet HTML 1Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 2Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 3Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 4Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 5Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC847CDLP
Document number: DS30817 Rev. 7 - 2
5 of 6
www.diodes.com
May 2013
© Diodes Incorporated
BC847CDLP
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
X2-DFN1310-6
Dim
Min
Max
Typ
A
0.40
A1
0
0.05
0.02
A3
0.13
b
0.10
0.20
0.15
D
1.25
1.38
1.30
d


0.25
D2
0.30
0.50
0.40
E
0.95 1.075 1.00
e


0.35
E2
0.30
0.50
0.40
f
0.10
L
0.20
0.30
0.25
Z


0.05
All Dimensions in mm
Dimensions
Value (in mm)
G1
0.16
G2
0.17
G3
0.15
X1
0.52
X2
0.20
Y1
0.52
Y2
0.375
a
0.09
b
0.06
A
A1
A3
E
B
L
D
D2
E2
d
e
d
f
Z
z
R0.15
0
b
G3
a
G2
X2
Y2
Y1
G1
X1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com