Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847CDLP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC847CDLP
Description  45V DUAL NPN SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847CDLP Datasheet(HTML) 3 Page - Diodes Incorporated

  BC847CDLP_15 Datasheet HTML 1Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 2Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 3Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 4Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 5Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC847CDLP
Document number: DS30817 Rev. 7 - 2
3 of 6
www.diodes.com
May 2013
© Diodes Incorporated
BC847CDLP
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic (Note 6)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
—
—
V
IC = 100µA, IB = 0
Collector-Emitter Breakdown Voltage
BVCEO
45
—
—
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
6
—
—
V
IE = 100µA, IC = 0
DC Current Gain
hFE
420
650
800
—
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage
VCE(sat)
—
55
130
250
600
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage
VBE(sat)
—
700
900
—
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage
VBE(on)
580
—
660
—
700
770
mV
VCE = 5.0V, IC = 2.0mA
VCE = 5.0V, IC = 10mA
Collector-Cutoff Current
ICES
—
—
15
nA
VCE = 50V
Collector-Cutoff Current
ICBO
—
—
—
—
15
5
nA
µA
VCB = 30V
VCB = 30V, TA = +150°C
Gain Bandwidth Product
fT
100
—
—
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
—
2.0
—
pF
VCB = 10V, f = 1.0MHz
Note:
6. Measured under pulsed conditions. Pulse width
 300µs. Duty cycle  2%.
V , COLLECTOR-EMITTER VOLTAGE (V)
Figure 2 Typical Collector Current vs. Collector-Emitter Voltage
CE
0
0.05
0.10
0.15
0.20
0.25
01
2
34
56
I = 2mA
B
I = 4mA
B
I = 10mA
B
I = 6mA
B
I = 8mA
B
0
200
400
600
800
1,000
1,200
1,400
0.1
10
1100
I , COLLECTOR CURRENT (mA)
Figure 3 Typical DC Current Gain vs. Collector Current
C
V
= 5V
CE
T = -55°C
A
T = 85°C
A
T = 150°C
A
T = 25°C
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com