Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847CDLP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847CDLP
Description  45V DUAL NPN SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847CDLP Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847CDLP_15 Datasheet HTML 1Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 2Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 3Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 4Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 5Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC847CDLP
Document number: DS30817 Rev. 7 - 2
2 of 6
www.diodes.com
May 2013
© Diodes Incorporated
BC847CDLP
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
100
mA
Thermal Characteristics – Total Device (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5) Total Device
PD
350
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Note:
5. For a device surface mounted on minimum recommended pad layout FR-4 PCB with single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
Thermal Characteristics – Total Device
0
50
100
50
100
150
T , AMBIENT TEMPERATURE (°C)
Figure 1 Power Dissipation vs. Ambient Temperature
A
150
200
250
0
300
350
25
75
125
R°C/W
JA = 357
Note 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com