Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2247J Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # 2247J
Description  Image Filter with Coefficient RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

2247J Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  2247J Datasheet HTML 1Page - LOGIC Devices Incorporated 2247J Datasheet HTML 2Page - LOGIC Devices Incorporated 2247J Datasheet HTML 3Page - LOGIC Devices Incorporated 2247J Datasheet HTML 4Page - LOGIC Devices Incorporated 2247J Datasheet HTML 5Page - LOGIC Devices Incorporated 2247J Datasheet HTML 6Page - LOGIC Devices Incorporated 2247J Datasheet HTML 7Page - LOGIC Devices Incorporated 2247J Datasheet HTML 8Page - LOGIC Devices Incorporated 2247J Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DEVICES INCORPORATED
LF2247
Image Filter with Coefficient RAM
-2
Video Imaging Products
08/16/2000–LDS.2247-H
rising edge of SCLK. The LF2247
operates at a clock rate of 66 MHz
over the full temperature and supply
voltage ranges.
The LF2247 is applicable for perform-
ing pixel interpolation in image
manipulation and filtering applica-
tions. The LF2247 can perform a
bilinear interpolation of an image (4-
pixel kernels) at real-time video rates
when used with an image resampling
sequencer. Larger kernels or more
complex functions can be realized by
utilizing multiple devices.
Unrestricted access to all data ports
and an addressable coefficient register
file provides the LF2247 with consid-
erable flexibility in applications such
as digital filters, adaptive FIR filters,
mixers, and other similar systems
requiring high-speed processing.
SIGNAL DEFINITIONS
Power
VCC and GND
+5 V power supply. All pins must be
connected.
Clocks
CLK — Master Clock
The rising edge of CLK strobes all
enabled registers except for the
coefficient registers.
SCLK — Serial Clock
The rising edge of SCLK shifts data
into and through the coefficient
register file when it is enabled for
serial data shifting.
Inputs
D19-0 – D49-0 — Data Input
D1–D4 are the 10-bit registered data
input ports. Data is latched on the
rising edge of CLK.
A4-0 — Row Address
A4-0 determines which row of data in
the coefficient register file is used to
feed data to the multiplier array. A4-0
is latched on the rising edge of CLK.
When a new row address is loaded
into the row address register, data
from the register file will be latched
into the multiplier input registers on
the next rising edge of CLK.
SDIN — Serial Data Input
SDIN is used to serially load data into
the coefficient registers. Data present
on SDIN is shifted into the coefficient
register file on the rising edge of SCLK
when SEN is LOW. The 11-bit coeffi-
cients are loaded into the coefficient
register file in 16-bit words as shown
in Figure 2. The five most significant
bits of the first 16-bit word determine
which row the data is written to in the
coefficient registers. Note that the five
most significant bits of the remaining
three 16-bit words are ignored. After
all four 16-bit words are shifted into
the register file, the lower eleven bits
of each word (the coefficient data) are
stored into the coefficient registers.
Outputs
S15-0 — Data Output
S15-0 is the 16-bit registered data
output port.
Controls
ENB1–ENB4 — Data Input Enables
The ENBN (N = 1, 2, 3, or 4) inputs
allow the DN registers to be updated
on each clock cycle. When ENBN is
LOW, data on DN9-0 is latched into
FIGURE 1B.OUTPUT FORMATS
15 14 13
10
9
8
12 11
76543210
–2
6
(Sign)
2
5
2
4
2
1
2
0
2
–1
2
3
2
2
2
–2 2–3 2–4 2–5 2–6 2–7 2–8 2–9
15 14 13
10
9
8
12 11
76543210
–2
15
(Sign)
2
14 213
2
10
2
9
2
8
2
12 211
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
Fractional Two's Complement (FSEL = 0)
Integer Two's Complement (FSEL = 1)
FIGURE 1A.INPUT FORMATS
98
7
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–7 2–8 2–9
10
9
8
2
1
0
–2
1
(Sign)
2
0
2
–1
2
–7 2–8 2–9
98
7
2
1
0
–2
9
(Sign)
2
8
2
7
2
2
2
1
2
0
10
9
8
2
1
0
–2
10
(Sign)
2
9
2
8
2
2
2
1
2
0
Fractional Two's Complement (FSEL = 0)
Integer Two's Complement (FSEL = 1)
Data
Coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com