Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2247J Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # 2247J
Description  Image Filter with Coefficient RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

2247J Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

Back Button 2247J Datasheet HTML 2Page - LOGIC Devices Incorporated 2247J Datasheet HTML 3Page - LOGIC Devices Incorporated 2247J Datasheet HTML 4Page - LOGIC Devices Incorporated 2247J Datasheet HTML 5Page - LOGIC Devices Incorporated 2247J Datasheet HTML 6Page - LOGIC Devices Incorporated 2247J Datasheet HTML 7Page - LOGIC Devices Incorporated 2247J Datasheet HTML 8Page - LOGIC Devices Incorporated 2247J Datasheet HTML 9Page - LOGIC Devices Incorporated 2247J Datasheet HTML 10Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DEVICES INCORPORATED
LF2247
Image Filter with Coefficient RAM
-6
Video Imaging Products
08/16/2000–LDS.2247-H
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
LF2247–
33*
25
15
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tSCYC
Serial Interface Cycle Time
62
62
62
tSWL
Serial Clock Pulse Width Low
30
30
30
tSWH
Serial Clock Pulse Width High
30
30
30
tSENS
Serial Enable Setup Time
20
20
20
tSENH
Serial Enable Hold Time
0
0
0
tSS
Serial Data Input Setup Time
20
20
20
tSH
Serial Data Input Hold Time
0
0
0
SWITCHING CHARACTERISTICS
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
LF2247–
33*
25*
Symbol
Parameter
Min
Max
Min
Max
tSCYC
Serial Interface Cycle Time
62
62
tSWL
Serial Clock Pulse Width Low
30
30
tSWH
Serial Clock Pulse Width High
30
30
tSENS
Serial Enable Setup Time
20
20
tSENH
Serial Enable Hold Time
0
0
tSS
Serial Data Input Setup Time
20
20
tSH
Serial Data Input Hold Time
0
0
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE
SWITCHING WAVEFORMS:SERIAL DATA INPUT
SCLK
tSWH
tSWL
tSCYC
tSENS
tSS
tSH
A4
A3
C11
C10
tSENH
SEN
SDIN
1
2
63
64



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com