Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2247J Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # 2247J
Description  Image Filter with Coefficient RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

2247J Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  2247J Datasheet HTML 1Page - LOGIC Devices Incorporated 2247J Datasheet HTML 2Page - LOGIC Devices Incorporated 2247J Datasheet HTML 3Page - LOGIC Devices Incorporated 2247J Datasheet HTML 4Page - LOGIC Devices Incorporated 2247J Datasheet HTML 5Page - LOGIC Devices Incorporated 2247J Datasheet HTML 6Page - LOGIC Devices Incorporated 2247J Datasheet HTML 7Page - LOGIC Devices Incorporated 2247J Datasheet HTML 8Page - LOGIC Devices Incorporated 2247J Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DEVICES INCORPORATED
LF2247
Image Filter with Coefficient RAM
-4
Video Imaging Products
08/16/2000–LDS.2247-H
Storage temperature ........................................................................................................... –65°C to +150°C
Operating ambient temperature ........................................................................................... –55°C to +125°C
VCC supply voltage with respect to ground ............................................................................ –0.5 V to +7.0V
Input signal with respect to ground ............................................................................... –0.5 V to VCC + 0.5 V
Signal applied to high impedance output ...................................................................... –0.5 V to VCC + 0.5 V
Output current into low outputs ............................................................................................................. 25 mA
Latchup current ............................................................................................................................... > 400 mA
MAXIMUM RATINGS Above which useful life may be impaired (Notes 1, 2, 3, 8)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VOH
Output High Voltage
VCC = Min., IOH = –2.0 mA
2.4
V
VOL
Output Low Voltage
VCC = Min., IOL = 4.0 mA
0.4
V
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
(Note 3)
0.0
0.8
V
IIX
Input Current
Ground
≤ VIN ≤ VCC (Note 12)
±10
µA
IOZ
Output Leakage Current
Ground
≤ VOUT ≤ VCC (Note 12)
±40
µA
ICC1
VCC Current, Dynamic
(Notes 5, 6)
100
mA
ICC2
VCC Current, Quiescent
(Note 7)
6.0
mA
CIN
Input Capacitance
TA = 25°C, f = 1 MHz
10
pF
COUT
Output Capacitance
TA = 25°C, f = 1 MHz
10
pF
ELECTRICAL CHARACTERISTICS Over Operating Conditions (Note 4)
OPERATING CONDITIONS To meet specified electrical and switching characteristics
Mode
Temperature Range (Ambient)
Supply
Voltage
Active Operation, Commercial
0°C to +70°C
4.75 V
≤ VCC ≤ 5.25 V
Active Operation, Military
–55°C to +125°C
4.50 V
≤ VCC ≤ 5.50 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com