Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMU08 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LMU08
Description  8 x 8-bit Parallel Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU08 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LMU08 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 6Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DEVICES INCORPORATED
LMU08/8U
8 x 8-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.08/8U-R
1
u
u
u
u
u 20 ns Worst-Case Multiply Time
u
u
u
u
u Low Power CMOS Technology
u
u
u
u
u LMU08 Replaces TRW TMC208K
u
u
u
u
u LMU8U Replaces TRW TMC28KU
u
u
u
u
u Two’s Complement (LMU08), or
Unsigned Operands (LMU8U)
u
u
u
u
u Three-State Outputs
u
u
u
u
u Package Styles Available:
• 40-pin PDIP
• 44-pin PLCC, J-Lead
FEATURES
DESCRIPTION
LMU08/8U
8 x 8-bit Parallel Multiplier
DEVICES INCORPORATED
The LMU08 and LMU8U are high-
speed, low power 8-bit parallel
multipliers. They are pin-for-pin
equivalents with TRW TMC208K and
TMC28KU type multipliers. Full
military ambient temperature range
operation is attained by the use of
advanced CMOS technology.
Both the LMU08 and the LMU8U
produce the 16-bit product of two
8-bit numbers. The LMU08 accepts
operands in two’s complement format,
and produces a two’s complement
result. The product is provided in two
halves with the sign bit replicated as
the most significant bit of both halves.
This facilitates use of the LMU08
product as a double precision operand
in 8-bit systems. The LMU8U oper-
ates on unsigned data, producing an
unsigned magnitude result.
Both the LMU08 and the LMU8U
feature independently controlled
registers for both inputs and the
product, which along with three-state
outputs allows easy interfacing with
microprocessor busses. Provision is
made in the LMU08 and LMU8U for
proper rounding of the product to
8-bit precision. The round input is
loaded at the rising edge of the logical
OR of CLK A and CLK B for the
LMU08. The LMU8U latches RND on
the rising edge of CLK A only. In
either case, a ‘1’ is added in the most
significant position of the lower
product byte when RND is asserted.
Subsequent truncation of the least
significant product byte results in a
correctly rounded 8-bit result.
LMU08/8U BLOCK DIAGRAM
CLK A
CLK B
RND
CLK R
LMU08 Only
8
8
16
88
OEM
R7-0
A7-0
R15-8
A REGISTER
B REGISTER
B7-0
RESULT
REGISTER
OEL
88


Similar Part No. - LMU08

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LMU-50V PAIRUI-LMU-50V Datasheet
349Kb / 3P
Constant voltage LED Drivers
LMU-75V PAIRUI-LMU-75V Datasheet
351Kb / 3P
Constant voltage LED Drivers
logo
Guangdong Kexin Industr...
LMU1117 KEXIN-LMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
LOGIC Devices Incorpora...
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
LMU112JC25 LODEV-LMU112JC25 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
More results

Similar Description - LMU08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
16 x 16-Bit CMOS Parallel Multiplier
April 1997
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
1997 10
logo
LOGIC Devices Incorpora...
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
16 x 16-bit Parallel multiplier
logo
National Semiconductor ...
100183 NSC-100183 Datasheet
771Kb / 12P
2 x 8-bir Recode Multiplier
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
2048 X 8 - BIT / 4096 X 8 - BIT EPROM
logo
National Semiconductor ...
F100183 NSC-F100183 Datasheet
327Kb / 12P
2 X 8-BIT RECODE MULTIPLIER
logo
Samsung semiconductor
K9WAG08U1A_067 SAMSUNG-K9WAG08U1A_067 Datasheet
1Mb / 50P
1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com