Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMU08 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # LMU08
Description  8 x 8-bit Parallel Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU08 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  LMU08 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 6Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DEVICES INCORPORATED
LMU08/8U
8 x 8-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.08/8U-R
2
FIGURE 1A.INPUT FORMATS
FIGURE 1B.OUTPUT FORMATS
15 14 13
10
9
8
–2
0
(Sign)
2
–1 2–2
2
–5 2–6 2–7
76
5
2
1
0
–2
0
(Sign)
2
–8 2–9
2
–12 2–13 2–14
LMU08 Fractional Two’s Complement
15 14 13
10
9
8
–2
14
(Sign)
2
13 212
2
9
2
8
2
7
76
5
2
1
0
–2
14
(Sign)
2
6
2
5
2
2
2
1
2
0
LMU08 Integer Two’s Complement
15 14 13
10
9
8
2
–1 2–2 2–3
2
–6 2–7 2–8
76
5
2
1
0
2
–9 2–10 2–11
2
–14 2–15 2–16
LMU8U Unsigned Fractional
15 14 13
10
9
8
2
15 214 213
2
10
2
9
2
8
76
5
2
1
0
2
7
2
6
2
5
2
2
2
1
2
0
LMU8U Unsigned Integer
MSP
LSP
76
5
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–5 2–6 2–7
76
5
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–5 2–6 2–7
LMU08 Fractional Two’s Complement
76
5
2
1
0
–2
7
(Sign)
2
6
2
5
2
2
2
1
2
0
76
5
2
1
0
–2
7
(Sign)
2
6
2
5
2
2
2
1
2
0
LMU08 Integer Two’s Complement
76
5
2
1
0
2
–1 2–2 2–3
2
–6 2–7 2–8
76
5
2
1
0
2
–1 2–2 2–3
2
–6 2–7 2–8
LMU8U Unsigned Fractional
76
5
2
1
0
2
7
2
6
2
5
2
2
2
1
2
0
76
5
2
1
0
2
7
2
6
2
5
2
2
2
1
2
0
LMU8U Unsigned Integer
AIN
BIN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com