Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMU08 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # LMU08
Description  8 x 8-bit Parallel Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU08 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  LMU08 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 6Page - LOGIC Devices Incorporated LMU08 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DEVICES INCORPORATED
LMU08/8U
8 x 8-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.08/8U-R
4
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
LMU08/8U–
90*
60*
45*
25*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
tMC
Clocked Multiply Time
90
60
45
25
tPW
Clock Pulse Width
25
20
15
10
tS
Input Register Setup Time
20
15
15
15
tH
Input Register Hold Time
5
2
2
2
tD
Output Delay
35
22
22
20
tENA
Three-State Output Enable Delay (Note 11)
35
24
24
20
tDIS
Three-State Output Disable Delay (Note 11)
35
22
22
20
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
SWITCHING CHARACTERISTICS
LMU08/8U–
70*
50
35
20*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
tMC
Clocked Multiply Time
70
50
35
20
tPW
Clock Pulse Width
20
20
10
8
tS
Input Register Setup Time
14
14
14
10
tH
Input Register Hold Time
4
0
0
0
tD
Output Delay
25
20
20
18
tENA
Three-State Output Enable Delay (Note 11)
24
22
22
15
tDIS
Three-State Output Disable Delay (Note 11)
22
20
20
15
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE
SWITCHING WAVEFORMS
HIGH IMPEDANCE
INPUT
tENA
tDIS
tD
tPW
tMC
tPW
tH
tS
CLK A
CLK B
CLK R
OEL
R15-0
OEM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com