Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS12JC35 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # LMS12JC35
Description  12-bit Cascadable Multiplier-Summer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMS12JC35 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  LMS12JC35 Datasheet HTML 1Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 2Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 3Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 4Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 5Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 6Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 7Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 8Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DEVICES INCORPORATED
LMS12
12-bit Cascadable Multiplier-Summer
Multiplier-Summers
08/16/2000–LDS.S12-J
3
CLK Cycle
1
2
3
4
56789
X(n)
Xn
Xn+1
Xn+2
Xn+3
Xn+4
Xn+5
Xn+6
Xn+7
Xn+8
A4 Register
Xn
Xn+1
Xn+2
Xn+3
Xn+4
Xn+5
Xn+6
Xn+7
Sum 4
h4Xn
h4Xn+1
h4Xn+2
h4Xn+3
h4Xn+4
h4Xn+5
h4Xn+6
A3 Register
Xn
Xn+1
Xn+2
Xn+3
Xn+4
Xn+5
Xn+6
Xn+7
Sum 3
h3Xn
h3Xn+1
h3Xn+2
h3Xn+3
h3Xn+4
h3Xn+5
h3Xn+6
+h4Xn–1
+h4Xn
+h4Xn+1
+h4Xn+2
+h4Xn+3
+h4Xn+4
+h4Xn+5
A2 Register
Xn
Xn+1
Xn+2
Xn+3
Xn+4
Xn+5
Xn+6
Xn+7
Sum 2
h2Xn
h2Xn+1
h2Xn+2
h2Xn+3
h2Xn+4
h2Xn+5
h2Xn+6
+h3Xn–1
+h3Xn
+h3Xn+1
+h3Xn+2
+h3Xn+3
+h3Xn+4
+h3Xn+5
+h4Xn–2
+h4Xn–1
+h4Xn
+h4Xn+1
+h4Xn+2
+h4Xn+3
+h4Xn+4
A1 Register
Xn
Xn+1
Xn+2
Xn+3
Xn+4
Xn+5
Xn+6
Xn+7
Sum 1
h1Xn
h1Xn+1
h1Xn+2
h1Xn+3
h1Xn+4
h1Xn+5
h1Xn+6
+h2Xn–1
+h2Xn
+h2Xn+1
+h2Xn+2
+h2Xn+3
+h2Xn+4
+h2Xn+5
+h3Xn–2
+h3Xn–1
+h3Xn
+h3Xn+1
+h3Xn+2
+h3Xn+3
+h3Xn+4
+h4Xn–3
+h4Xn–2
+h4Xn–1
+h4Xn
+h4Xn+1
+h4Xn+2
+h4Xn+3
A0 Register
Xn
Xn+1
Xn+2
Xn+3
Xn+4
Xn+5
Xn+6
Xn+7
Sum 0
h0Xn
h0Xn+1
h0Xn+2
h0Xn+3
h0Xn+4
h0Xn+5
h0Xn+6
+h1Xn–1
+h1Xn
+h1Xn+1
+h1Xn+2
+h1Xn+3
+h1Xn+4
+h1Xn+5
+h2Xn–2
+h2Xn–1
+h2Xn
+h2Xn+1
+h2Xn+2
+h2Xn+3
+h2Xn+4
+h3Xn–3
+h3Xn–2
+h3Xn–1
+h3Xn
+h3Xn+1
+h3Xn+2
+h3Xn+3
+h4Xn–4
+h4Xn–3
+h4Xn–2
+h4Xn–1
+h4Xn
+h4Xn+1
+h4Xn+2
TABLE 1.
TIMING EXAMPLE FOR 5-TAP NONDECIMATING FIR FILTER
FIGURE 2B.OUTPUT FORMATS
23 22 21
14 13 12
2
1
2
0
2
–1
2
–8 2–9 2–10
11 10 9
2
1
0
2
–11 2–12 2–13
2
–20 2–21 2–22
Fractional Two’s Complement
23 22 21
14 13 12
2
23 222 221
2
14 213 212
11 10 9
2
1
0
2
11 210 29
2
2
2
1
2
0
Integer Two’s Complement
25 24
25 24
–2
3
(Sign)
2
2
–2
25
(Sign)
2
24
FIGURE 2A.INPUT FORMATS
11 10 9
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–9 2–10 2–11
11 10 9
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–9 2–10 2–11
Fractional Two’s Complement
11 10 9
2
1
0
–2
11
(Sign)
2
10
2
9
2
2
2
1
2
0
11 10 9
2
1
0
–2
11
(Sign)
2
10
2
9
2
2
2
1
2
0
Integer Two’s Complement
AIN
BIN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com