Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS12JC35 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LMS12JC35
Description  12-bit Cascadable Multiplier-Summer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMS12JC35 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LMS12JC35 Datasheet HTML 1Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 2Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 3Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 4Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 5Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 6Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 7Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 8Page - LOGIC Devices Incorporated LMS12JC35 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DEVICES INCORPORATED
LMS12
12-bit Cascadable Multiplier-Summer
Multiplier-Summers
08/16/2000–LDS.S12-J
1
u
u
u
u
u 12 x 12-bit Multiplier with
Pipelined 26-bit Output Summer
u
u
u
u
u Summer has 26-bit Input Port Fully
Independent from Multiplier
Inputs
u
u
u
u
u Cascadable to Form Video Rate FIR
Filter with 3-bit Headroom
u
u
u
u
u A, B, and C Input Registers Sepa-
rately Enabled for Maximum
Flexibility
u
u
u
u
u 28 MHz Data Rate for FIR Filtering
Applications
u
u
u
u
u High Speed, Low Power CMOS
Technology
u
u
u
u
u 84-pin PLCC, J-Lead
FEATURES
DESCRIPTION
LMS12
12-bit Cascadable Multiplier-Summer
DEVICES INCORPORATED
The LMS12 is a high-speed 12 x 12-bit
combinatorial multiplier integrated
with a 26-bit adder in a single 84-pin
package. It is an ideal building block
for the implementation of very high-
speed FIR filters for video, RADAR,
and other similar applications. The
LMS12 implements the general form
(A•B) + C. As a result, it is also useful
in implementing polynomial approxi-
mations to transcendental functions.
ARCHITECTURE
A block diagram of the LMS12 is
shown below. Its major features are
discussed individually in the follow-
ing paragraphs.
MULTIPLIER
The A11-0 and B11-0 inputs to the
LMS12 are captured at the rising edge
of the clock in the 12-bit A and B input
registers, respectively. These registers
are independently enabled by the
ENA and ENB inputs. The registered
input data are then applied to a
12 x 12-bit multiplier array, which
produces a 24-bit result. Both the
inputs and outputs of the multiplier
are in two’s complement format. The
multiplication result forms the input
to the 24-bit product register.
SUMMER
The C25-0 inputs to the LMS12 form a
26-bit two’s complement number
which is captured in the C register at
the rising edge of the clock. The C
register is enabled by assertion of the
ENC input. The summer is a 26-bit
adder which operates on the C
register data and the sign extended
contents of the product register to
produce a 26-bit sum. This sum is
applied to the 26-bit S register.
OUTPUT
The FTS input is the feedthrough
control for the S register. When FTS is
asserted, the summer result is applied
directly to the S output port. When
FTS is deasserted, data from the S
register is output on the S port,
effecting a one-cycle delay of the
summer result. The S output port can
be forced to a high-impedance state by
driving the OE control line high. FTS
would be asserted for conventional
FIR filter applications, however the
insertion of zero-coefficient filter taps
may be accomplished by negating
FTS. Negating FTS also allows
application of the same filter transfer
function to two interleaved datas-
treams with successive input and
output sample points occurring on
alternate clock cycles.
LMS12 BLOCK DIAGRAM
CLK
A REGISTER
B REGISTER
ENA
ENB
ENC
12
24
A11-0
B11-0
PRODUCT REGISTER
24
2
26
C25-0
26
26
26
OE
S25-0
FTS
12
SIGN
EXTENDED


Similar Part No. - LMS12JC35

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LMS12 GOOD-ARK-LMS12 Datasheet
199Kb / 4P
Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 20~40V Output Current 1A
logo
SICK AG
LMS121-10000 SICK-LMS121-10000 Datasheet
993Kb / 6P
2D LASER SCANNERS
2016-03-19
LMS122-10000 SICK-LMS122-10000 Datasheet
949Kb / 6P
2D LASER SCANNERS
2016-03-19
logo
Texas Instruments
LMS1225 TI2-LMS1225 Datasheet
925Kb / 15P
LMS1225 22.5V, 270μΩ, MOSFET With Integrated Driver and Dead Time Compensation
MARCH 2026
logo
SICK AG
LMS123-10000 SICK-LMS123-10000 Datasheet
935Kb / 6P
2D LASER SCANNERS
2016-03-19
More results

Similar Description - LMS12JC35

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2090RBF UMS-CHX2090RBF Datasheet
151Kb / 6P
12-24GHz Frequency Multiplier
logo
Fairchild Semiconductor
TMC2250A FAIRCHILD-TMC2250A Datasheet
186Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
12 x 10-bit Matrix Multiplier
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
16 X 12 BIT COMPLEX MULTIPLIER
logo
United Monolithic Semic...
CHX2090-QDG UMS-CHX2090-QDG Datasheet
323Kb / 10P
12-24GHz Frequency Multiplier
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
logo
United Monolithic Semic...
CHX2090 UMS-CHX2090_15 Datasheet
88Kb / 4P
12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG_15 Datasheet
160Kb / 10P
12-24GHz Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com